Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3519F Datasheet(PDF) 90 Page - Micronas

Part # MAS3519F
Description  MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3519F Datasheet(HTML) 90 Page - Micronas

Back Button MAS3519F Datasheet HTML 84Page - Micronas MAS3519F Datasheet HTML 85Page - Micronas MAS3519F Datasheet HTML 86Page - Micronas MAS3519F Datasheet HTML 87Page - Micronas MAS3519F Datasheet HTML 88Page - Micronas MAS3519F Datasheet HTML 89Page - Micronas MAS3519F Datasheet HTML 90Page - Micronas MAS3519F Datasheet HTML 91Page - Micronas MAS3519F Datasheet HTML 92Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 90 / 92 page
background image
MAS 35x9F
DATA SHEET
90
June 30, 2004; 6251-505-1DS
Micronas
5.2. Recommended DC/DC Converter Application Circuit
(Power optimized scenario, (see Fig. 2–7 on page 13)).
Fig. 5–2: External circuitry for the DC/DC converters
For turn-on voltage of DSP and codec, please refer
to Section 2.11.2.1.
Vin (Input Voltage)
VDC2
D2, Schottky
DCSG2
DCSO2
L2 = 22 µH
DCEN
VSENS2
e.g. 3.0 V
for µC,
(0.9..1.5 V)
Storage Media
+
Power-On Push Button
C2 = 330 µF
(low ESR)
VDC1
D1, Schottky
DCSG1
VSS, XVSS
DCSO1
L1 = 22 µH
VSENS1
e.g. 2.2 V
+
C3 = 330 µF
(low ESR)
+
C1 = 330 µF
VBAT
D
AVSS0/1
A
A
D
AVDD0/1
very close to Pins
Star Point
DCSG1 and DCSG2
Ground Connection
VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com