Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3519F Datasheet(PDF) 52 Page - Micronas

Part # MAS3519F
Description  MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3519F Datasheet(HTML) 52 Page - Micronas

Back Button MAS3519F Datasheet HTML 48Page - Micronas MAS3519F Datasheet HTML 49Page - Micronas MAS3519F Datasheet HTML 50Page - Micronas MAS3519F Datasheet HTML 51Page - Micronas MAS3519F Datasheet HTML 52Page - Micronas MAS3519F Datasheet HTML 53Page - Micronas MAS3519F Datasheet HTML 54Page - Micronas MAS3519F Datasheet HTML 55Page - Micronas MAS3519F Datasheet HTML 56Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 92 page
background image
MAS 35x9F
DATA SHEET
52
June 30, 2004; 6251-505-1DS
Micronas
3.4.4. Basic MB Configuration
With the parameters described in Table 3–16, the Mic-
ronas Bass system (MB) can be customized to create
different bass effects, as well as to fit the MB to various
loudspeaker characteristics. The easiest way to find a
good set of parameter is by selecting one of the set-
tings below, listening to music with strong bass content
and adjusting the MB parameters:
– MB_STR: Increase/decrease the strength of the MB
effect
– MB_HAR: Increase/decrease the content of low fre-
quency harmonics
– MB_FC: Shift the MB effect to lower/higher frequen-
cies
– MB_SHAPE: Widen/narrow MB frequency range
(which results in a softer/harder bass sound), turn
on/off the MB
Fig. 3–5: Micronas Bass (MB): Bass boost in relation
to input signal level
Table 3–17: Codec status registers on I2C subaddress 6D
hex
Register
Address
(hex)
Function
Name
INPUT QUASI-PEAK
00 0A
A/D Converter Quasi-Peak Detector Readout Left
bit[14:0]
positive 15-bit value, linear scale
0000
0%
2000
25% (
−12 dBFS)
4000
50% (
−6 dBFS)
7FFF
100% (0 dBFS)
QPEAK_L
00 0B
A/D Converter Quasi-Peak Detector Readout Right
bit[14:0]
positive 15-bit value, linear scale
0000
0%
2000
25% (
−12 dBFS)
4000
50% (
−6 dBFS)
7FFF
100% (0 dBFS)
QPEAK_R
OUTPUT QUASI-PEAK
00 0C
Audio Processing Input Quasi-Peak Detector Readout Left
bit[14:0]
positive 15-bit value, linear scale
DQPEAK_L
00 0D
Audio Processing Input Quasi-Peak Detector Readout Right
bit[14:0]
positive 15-bit value, linear scale
DQPEAK_R
Frequency
MB_FC
MB_SHAPE
Table 3–18: Suggested MB settings
Function
MB_STR
(22hex)
MB_HAR
(23hex)
MB_FC
(24hex)
MB_SHAPE
(21hex)
MB off
xxxxhex
xxxxhex
xxxxhex
xx00hex
Low end headphones, medium effect
5000hex
3000hex
0600hex
0902hex



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com