Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3519F Datasheet(PDF) 76 Page - Micronas

Part # MAS3519F
Description  MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3519F Datasheet(HTML) 76 Page - Micronas

Back Button MAS3519F Datasheet HTML 72Page - Micronas MAS3519F Datasheet HTML 73Page - Micronas MAS3519F Datasheet HTML 74Page - Micronas MAS3519F Datasheet HTML 75Page - Micronas MAS3519F Datasheet HTML 76Page - Micronas MAS3519F Datasheet HTML 77Page - Micronas MAS3519F Datasheet HTML 78Page - Micronas MAS3519F Datasheet HTML 79Page - Micronas MAS3519F Datasheet HTML 80Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 92 page
background image
MAS 35x9F
DATA SHEET
76
June 30, 2004; 6251-505-1DS
Micronas
4.6.2.4. S/PDIF Input Characteristics
at T = TA, VSUPD, VSUPA = 2.2 ... 3.6 V, fCrystal = 18.432 MHz, Typ. values for TA =25 °C in P(L/M)QFP package.
Fig. 4–26: Timing of the S/PDIF input
Symbol
Parameter
Pin Name
Limit Values
Unit
Test Conditions
Min.
Typ.
Max.
VS
Signal amplitude
SPDI1, SPDI2,
SPDIR
200
500
1000
mVpp
fs1
Bi-phase frequency
SPDI1, SPDI2,
SPDIR
2.048
MHz
±1000 ppm, f
s = 48 kHz
fs2
Bi-phase frequency
SPDI1, SPDI2,
SPDIR
2.822
MHz
±1000 ppm,
fs = 44.1 kHz
fs3
Bi-phase frequency
SPDI1, SPDI2,
SPDIR
3.072
MHz
±1000 ppm, f
s = 32 kHz
tP
Bi-phase period
SPDI1, SPDI2,
SPDIR
326
ns
at fs = 48 kHz, (highest
sampling rate)
tR
Rise time
SPDI1, SPDI2,
SPDIR
065
ns
at fs = 48 kHz, (highest
sampling rate)
tF
Fall time
SPDI1, SPDI2,
SPDIR
065
ns
at fs = 48 kHz, (highest
sampling rate)
Duty cycle
SPDI
40
50
60
%
at bit value=1 and
fs =48kHz
tH1,L1
SPDI
81
163
ns
minimum/maximum pulse
duration with a level
above 90 % or below
10 % and at fs =48kHz
tH0,L0
SPDI
163
244
ns
minimum/maximum pulse
duration with a level
above 90 % or below
10 % and at fs =48kHz
tP
tR
tF
Bit value = 1
Bit value = 0
tH1
tL1
tH0
tL0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com