Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3519F Datasheet(PDF) 29 Page - Micronas

Part # MAS3519F
Description  MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3519F Datasheet(HTML) 29 Page - Micronas

Back Button MAS3519F Datasheet HTML 25Page - Micronas MAS3519F Datasheet HTML 26Page - Micronas MAS3519F Datasheet HTML 27Page - Micronas MAS3519F Datasheet HTML 28Page - Micronas MAS3519F Datasheet HTML 29Page - Micronas MAS3519F Datasheet HTML 30Page - Micronas MAS3519F Datasheet HTML 31Page - Micronas MAS3519F Datasheet HTML 32Page - Micronas MAS3519F Datasheet HTML 33Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 92 page
background image
DATA SHEET
MAS 35x9F
Micronas
June 30, 2004; 6251-505-1DS
29
3.3.2.4. Read Memory (Codes Chex and Dhex)
The MAS 35x9F has 2 memory areas of 2048 words
denoted D0 and D1. The memory areas D0 and D1
can be written by using the codes Chex and Dhex,
respectively.
The Read D0 Memory command gives the controller
access to all 20 bits of the D0/D1 memory cells. The
telegram to read 3 words starting at location D1:100 is
<DW 68 d0 00 00 03 01 00>
<DW 69 <DR xx xd dd dd
xx xd dd dd xx xd dd dd >
3.3.2.5. Short Read Memory
(Codes C4hex and D4hex)
Because most cells in the user interface are only 16
bits wide, it is faster and more convenient to access
the memory locations with a special 16-bit mode for
reading:
This command is similar to the normal 20 bit read com-
mand and uses the same command code Chex and
Dhex for D0 and D1 memory, respectively, however it is
followed by a 4hex rather than a 0hex.
Example: Read 16 bits of D1:123 has the following I2C
protocol:
<DW 68 d4 00
read 16 bits from D1
00 01
1 word to be read
01 23
start address
<DW 69 DR
start reading
dd dd >
and read
3.3.2.6. Write Memory
(Codes Ehex and Fhex)
The memory areas D0 and D1 can be written by using
the codes Ehex and Fhex, respectively.
With the Write D0/D1 Memory command n 20-bit
memory cells in D0 can be initialized with new data.
Example: Write 80234hex to D1:456 has the following
I2C protocol:
<3a 68 f0 00
write D1 memory
00 01
1 word to write
04 56
start address
00 08
value = 80234hex
02 34>
3.3.2.7. Short Write Memory
(Codes E4hex and F4hex)
For faster access only the lower 16 bits of each mem-
ory cell are written. The 4 MSBs of the cell are cleared.
The command uses the same codes Ehex and Fhex for
D0/D1 as for the 20-bit command but followed by a 4
rather than a 0.
3.3.2.8. Clear SYNC Signal
(Code 5hex)
After a successful decoding of an MPEG frame the sig-
nal at pin SYNC rises and thus generates an interrupt
event for the microcontroller. Issuing this command
lets the signal at pin SYNC return to ‘0’.
1) send command (Read D0)
2) get register value
SDW
data_write
c,0
0,0
SDW
data_read
A
S
DR
A
P
n3,n2
n1,n0
P
a3,a2
a1,a0
A
A
AN
A
A
....repeat for n data values....
WA
A
A
WA
A
WA
A
WA
WA
A
WA
d3,d2
W
W
d1,d0
x,d4
x,x
d3,d2
W
W
d1,d0
x,d4
x,x
1) send command (e.g. Short Read D0)
2) get register value
SDW
data_write
W
c,4
0,0
SDW
data_read
S
DR
P
n3,n2
n1,n0
P
a3,a2
a1,a0
A
A
N
A
....repeat for n data values....
WA
A
A
WA
A
WA
A
WA
WA
WA
A
d3,d2
W
d1,d0
d3,d2
W
d1,d0
SDW
data_write
e,0
0,0
x,x
x,d4
P
n3,n2
n1,n0
a3,a2
a1,a0
d3,d2
d1,d0
x,x
x,d4
d3,d2
d1,d0
....repeat for n data values....
WA
A
A
WA
A
WA
A
WA
A
WA
A
WA
A
WA
A
WA
SDW
data_write
e,4
0,0
P
n3,n2
n1,n0
a3,a2
a1,a0
d3,d2
d1,d0
d3,d2
d1,d0
....repeat for n data values....
WA
A
A
WA
A
A
WA
A
A
WA
A
A
WA
A
A
WA
SDW
data_write
5,0
0,0
P
WA
A
A
WA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com