Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS3519F Datasheet(PDF) 88 Page - Micronas

Part # MAS3519F
Description  MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3519F Datasheet(HTML) 88 Page - Micronas

Back Button MAS3519F Datasheet HTML 84Page - Micronas MAS3519F Datasheet HTML 85Page - Micronas MAS3519F Datasheet HTML 86Page - Micronas MAS3519F Datasheet HTML 87Page - Micronas MAS3519F Datasheet HTML 88Page - Micronas MAS3519F Datasheet HTML 89Page - Micronas MAS3519F Datasheet HTML 90Page - Micronas MAS3519F Datasheet HTML 91Page - Micronas MAS3519F Datasheet HTML 92Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 88 / 92 page
background image
MAS 35x9F
DATA SHEET
88
June 30, 2004; 6251-505-1DS
Micronas
Loadregulation
at VOUT = 2.7 V, 2.5 V
Load Current (mA)
2.75
2.6
2.55
2.5
2.45
2.4
0
50
100
150
VIN:
1.5 V
1.2 V
0.9 V
DCDC1
200
1.5 V
0.9 V
2.7
2.65
No-Load Battery Current
VOUT =3.0 V
Input Voltage (V)
10
4
2
0
0.5
1.0
1.5
2.0
2.5
Both DCDC running in PWM
One DCDC running in PFM
8
6
3.0
Loadregulation
at VOUT = 3.0 V, 3.5 V
Load Current (mA)
3.55
3.4
3.05
3.0
2.95
2.9
0
50
100
150
VIN:
1.5 V
1.2 V
0.9 V
DCDC1
200
1.5 V
0.9 V
3.5
3.45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com