Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4943C Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # TLE4943C
Description  Hall Based Differential Wheel Speed Sensor with AK protocol
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4943C Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button TLE4943C Datasheet HTML 18Page - Infineon Technologies AG TLE4943C Datasheet HTML 19Page - Infineon Technologies AG TLE4943C Datasheet HTML 20Page - Infineon Technologies AG TLE4943C Datasheet HTML 21Page - Infineon Technologies AG TLE4943C Datasheet HTML 22Page - Infineon Technologies AG TLE4943C Datasheet HTML 23Page - Infineon Technologies AG TLE4943C Datasheet HTML 24Page - Infineon Technologies AG TLE4943C Datasheet HTML 25Page - Infineon Technologies AG TLE4943C Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
TLE4943C
Data Sheet
22
V 1.2, July 2018
3rd case: several bits of the preceding protocol are cut off
Figure 16
Case 3 - several bits of the preceding protocol are cut off
A new increment of the encoder occurs while, for example, bit #6 of the preceding protocol is still being transferred.
At this moment the new protocol begins again with the constant time output offset of the length tp. It is realized in
the sensor that a bit transfer is still running. Bit #6 of the preceding protocol is completely transmitted within the
current running output time-offset. In addition, the bits #7 and #8 (parity) still missing are suppressed and no longer
transmitted. As a result, the line is clean again and following the end of the output offset the initial bit follows with
tp/2, then the speed pulse, etc.
Zero crossing
Subsequent
protocol
Preceding protocol
Initial bit
tp
tp
tp
tp
bit0
bit5
bit4
bit3
bit2
bit1
bit7
bit6
tp
tp
tp
tp
bit0
bit3
bit2
bit1
Time output offset
bit5
bit6
bit4
bit7
Parity
Bits #7 and #8 are no
longer transmitted
Bits #6 is completely
transmitted
tp/2
tp/2
tp/2
tp/2
Parity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com