Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4943C Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4943C
Description  Hall Based Differential Wheel Speed Sensor with AK protocol
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4943C Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4943C Datasheet HTML 1Page - Infineon Technologies AG TLE4943C Datasheet HTML 2Page - Infineon Technologies AG TLE4943C Datasheet HTML 3Page - Infineon Technologies AG TLE4943C Datasheet HTML 4Page - Infineon Technologies AG TLE4943C Datasheet HTML 5Page - Infineon Technologies AG TLE4943C Datasheet HTML 6Page - Infineon Technologies AG TLE4943C Datasheet HTML 7Page - Infineon Technologies AG TLE4943C Datasheet HTML 8Page - Infineon Technologies AG TLE4943C Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
Product Name
Product Type
Ordering Code
Package
TLE4943C
TLE4943C
SP001963054
PG-SSO-2-53
Hall Based Differential Wheel Speed Sensor with AK
Protocol
TLE4943C
Data Sheet
5
V 1.2, July 2018
1
Product Description
1.1
Overview
The TLE4943C is an integrated, active magnetic field sensor for wheel
speed applications based on Hall technology. Its basic function is to
measure the speed of a pole wheel or a ferromagnetic toothed wheel. It
has a two wire-current interface using the AK protocol for communication.
This protocol provides beside the speed signal additional information as
direction of wheel rotation and air gap information. The sensor combines
a fast power-up time with a low cut-off frequency. Excellent sensitivity and
accuracy combined with its wide operational temperature range makes
the sensor ideally suited for harsh automotive requirements. The TLE4943C is additionally provided with an
overmolded 1.8nF capacitor for improved EMC performance.
1.2
Features
•
Two wire current interface according AK protocol
•
Hall based principle
•
Integrated magnetic field sensor for wheel speed measurement
•
Detection of rotation direction
•
Additional airgap information
•
Single chip solution
•
High sensitivity
•
Large operating air-gaps
•
Magnetic pre-induction possible
•
Automotive qualified temperature ranges from TJ= -40°C to 150°C
•
1.8nF overmolded capacitor
•
Wide operating range from 6.5V to 20V
•
Green package with lead-free plating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com