Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4943C Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # TLE4943C
Description  Hall Based Differential Wheel Speed Sensor with AK protocol
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4943C Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TLE4943C Datasheet HTML 15Page - Infineon Technologies AG TLE4943C Datasheet HTML 16Page - Infineon Technologies AG TLE4943C Datasheet HTML 17Page - Infineon Technologies AG TLE4943C Datasheet HTML 18Page - Infineon Technologies AG TLE4943C Datasheet HTML 19Page - Infineon Technologies AG TLE4943C Datasheet HTML 20Page - Infineon Technologies AG TLE4943C Datasheet HTML 21Page - Infineon Technologies AG TLE4943C Datasheet HTML 22Page - Infineon Technologies AG TLE4943C Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
TLE4943C
Data Sheet
19
V 1.2, July 2018
Figure 13
Starting wheel movement during standstill protocol using bit stump suppression
Handling of “Direction Validity” and “Direction” at the standstill protocol:
At any standstill DR is transmitted as zero (default value) and GDR is transmitted as invalid (=0). With the first 5
standstill protocols in a row, the direction algorithm is reset. Therefore at following next three zero crossings
(speed pulses) direction detection and change of direction detection takes place (GDR=invalid, DR=default) and
GDR is valid and correspondig direction is output at third speed pulse after standstill.
Handling of “Validity of signal amplitude measurement” within standstill protocol:
Validity (SLM) of signal measurement is transmitted as 1 (invalid) and signal amplitude (Level in relation to LR) is
transmitted as 0 during standstill protocol. With the first 5 standstill protocols in a row, the SLM/LM is reset to
invalid. SLM remains invalid until two new extrema in dB are found. Depending on the amplitude of dB and phase
of the standstill protocol, SLM is valid with the second, third or fourth speed protocol after every 5th standstill
protocol.
Handling of Error Bit “Air Gap Reserve” (=LR bit) within standstill protocol:
It is transmitted as "0" (no error) in the standstill protocol.
It is reset to 0 with the first 5 standstill protocols in a row. The standstill protocol LR remains “0” (no error) until two
new extrema in dB are found.
.
The initial bit enables the speed pulse to always be preceded by a current level Ilow for a duration of at least tp/2.
This is helpful for the detection of the speed pulse in the ECU.
50us tp/2=25 µs
28mA
14mA
7mA
out
dB
Increment
1) Last started bit of standstill protocol will be tranmitted completely
2) Delay of 25us at llow
3) Speed pulse issued
Standstill protocol due to
no edge within last150 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com