Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4943C Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE4943C
Description  Hall Based Differential Wheel Speed Sensor with AK protocol
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4943C Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE4943C Datasheet HTML 2Page - Infineon Technologies AG TLE4943C Datasheet HTML 3Page - Infineon Technologies AG TLE4943C Datasheet HTML 4Page - Infineon Technologies AG TLE4943C Datasheet HTML 5Page - Infineon Technologies AG TLE4943C Datasheet HTML 6Page - Infineon Technologies AG TLE4943C Datasheet HTML 7Page - Infineon Technologies AG TLE4943C Datasheet HTML 8Page - Infineon Technologies AG TLE4943C Datasheet HTML 9Page - Infineon Technologies AG TLE4943C Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
TLE4943C
Data Sheet
6
V 1.2, July 2018
2
Functional Description
2.1
General
The basic operation of the TLE4943C is to measure the differential magnetic field of ferromagnetic or permanent
magnet target wheels and generate an output signal which represents the motion of these objects. Additionally
the direction of rotation of a rotating target wheel and the quality (strength) of the magnetic signal are detected.
For the applications with ferromagnetic toothed wheels a back bias magnet is required. The magnetic
measurement is based on three equally spaced Hall elements, integrated on the IC. The two outer Hall elements
have a distance of 2.5mm, the third Hall element is placed in the middle between the outer Hall elements. The
outer Hall elements generate a differential signal which corresponds to the speed of the detected object. All three
Hall elements are used for the information of direction detection. The IC has a three-level current interface which
corresponds to the AK-protocol described below in this data sheet.
Magnetic offsets of up to +/-30mT are cancelled by a self-calibration algorithm. Only a few magnetic edges after
start-up (uncalibrated mode) are necessary to finish the self-calibration and providing offset corrected signals in
calibrated mode. Independent of the mode every increment of the encoder triggers a signal output. The output
signal frequency represents the increment frequency, e.g. 100 increments per second are equal to 100Hz. The
frequency of the magnetic signal is half of the output signal frequency.
Figure 1
Definition of increment
dB
Increment n
Increment n+1
Increment n+2
t
T
Zero
Crossing
Sensor output
current Is
IM
IL
IH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com