Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4943C Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE4943C
Description  Hall Based Differential Wheel Speed Sensor with AK protocol
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4943C Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE4943C Datasheet HTML 7Page - Infineon Technologies AG TLE4943C Datasheet HTML 8Page - Infineon Technologies AG TLE4943C Datasheet HTML 9Page - Infineon Technologies AG TLE4943C Datasheet HTML 10Page - Infineon Technologies AG TLE4943C Datasheet HTML 11Page - Infineon Technologies AG TLE4943C Datasheet HTML 12Page - Infineon Technologies AG TLE4943C Datasheet HTML 13Page - Infineon Technologies AG TLE4943C Datasheet HTML 14Page - Infineon Technologies AG TLE4943C Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
TLE4943C
Data Sheet
11
V 1.2, July 2018
2.7
Protocol Description
The protocol consists of a pre-bit, a speed pulse and a nine data information bits (data protocol). The data protocol
is Manchester-coded. This means the value of a bit is coded in a rise- or a fall of the signal between the mid-current
value (Imid) and low-current (Ilow) in a certain time window. “0” is represented by a mid-low transition and “1” is
coded by a low-mid transition. Unused bits are output as default values.
Figure 6
Coding of data bits.
Table 1
Coding of Additional Information
Bit #
Meaning
Name
Value after power
up / under voltage
Condition
0
Error bit,
Airgap reserve
LR
0
“1” if dB<dB
LR (1=error)
1
Validity of
signal
amplitude
measurement
SLM
1
0=measurement of LM0, LM1, LM2 is valid;
1=invalid
2
not assigned
0
3
Direction
validity
GDR
0
“1” = valid, “0” = invalid
4
Direction of
rotating
information
DR
0
“0” =direction positive
t
I
Ihigh
Imid
Ilow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com