Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4943C Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # TLE4943C
Description  Hall Based Differential Wheel Speed Sensor with AK protocol
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4943C Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button TLE4943C Datasheet HTML 21Page - Infineon Technologies AG TLE4943C Datasheet HTML 22Page - Infineon Technologies AG TLE4943C Datasheet HTML 23Page - Infineon Technologies AG TLE4943C Datasheet HTML 24Page - Infineon Technologies AG TLE4943C Datasheet HTML 25Page - Infineon Technologies AG TLE4943C Datasheet HTML 26Page - Infineon Technologies AG TLE4943C Datasheet HTML 27Page - Infineon Technologies AG TLE4943C Datasheet HTML 28Page - Infineon Technologies AG TLE4943C Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
TLE4943C
Data Sheet
25
V 1.2, July 2018
Figure 18
Output triggering in calibrated mode and direction detection
Direction detection
Direction signal is always sampled with the main comparator switching (75us +/-25%) before the sensors output
switching (speed protocol). After two consecutive samples of the direction signal, offset of them is calculated and
then the third sample is compared with the offset value. The direction is given by the sign of the third sample
direction signal and the direction of the edge (rising or falling) of the magnetic speed signal. Using this direction
detection method, detected direction is valid latest with the 4th output speed protocol. GDR bit gives the
information if the detected direction is valid. On TLE4943C the direction detection is valid if the difference between
the two consecutive samples of the direction signal (also used for the calculation of the direction) is greater than
two times dBdirmin and speed signal is four times greater than dBlimit .
dB
Direction detecion
dBdir
min2
min1
max1
dB_dirmin
dBdir = center – (left + right) / 2
Uncalibrated Mode
Calibrated Mode
Phase Shift Change
(min1+max1)/2
2 x dBlimit
min1
max1
Offset
correction
(min2+max1)/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com