Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4943C Datasheet(PDF) 42 Page - Infineon Technologies AG

Part # TLE4943C
Description  Hall Based Differential Wheel Speed Sensor with AK protocol
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4943C Datasheet(HTML) 42 Page - Infineon Technologies AG

Back Button TLE4943C Datasheet HTML 38Page - Infineon Technologies AG TLE4943C Datasheet HTML 39Page - Infineon Technologies AG TLE4943C Datasheet HTML 40Page - Infineon Technologies AG TLE4943C Datasheet HTML 41Page - Infineon Technologies AG TLE4943C Datasheet HTML 42Page - Infineon Technologies AG TLE4943C Datasheet HTML 43Page - Infineon Technologies AG TLE4943C Datasheet HTML 44Page - Infineon Technologies AG TLE4943C Datasheet HTML 45Page - Infineon Technologies AG TLE4943C Datasheet HTML 46Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
TLE4943C
Data Sheet
42
V 1.2, July 2018
4
Electro Magnetic Compatibility
EMC Test Circuit Figure 28 is used.
Additional Information:
Characterization of Electro Magnetic Compatibility are carried out on sample base of one qualification lot. Not all
specification parameters have been monitored during EMC exposure. Only key parameters e.g. switching current
and duty cycle have been monitored.
Table 8
Ref. ISO 7637-2; 2004; (values depend on RM); dB=2mT (amplitude of sinus signal);
VDD=13.5V; fB=100Hz, T=25°C, RM=30Ω
Parameter
Symbol
Level/Typ
Status
Testpulse 1
VEMC
IV / -100V
C/ A (after stress)
Testpulse 2a1)
1) ISO 7637-2 describes internal resistance = 2
Ω (former 10 Ω)
IV / 75
A2)
2) Node A (see figure 1) does not exceed 22V clamping voltage of D2 in any case.
Testpulse 2b
- / 10V
C3)
3) Ri = 0.01
Ω
Testpulse 3a
IV / -150V
A
Testpulse 3b
IV / 100V
A
Testpulse 4
IV / -7V
B
Testpulse 5a
IV / 86.5V
C
Testpulse 5b
Us* = 28.5V4)
4) A central load dump protection of 42V is used. Us* = 42V - 13.5V
C
Table 9
Ref. ISO 7637-3 Release 19951); dB=2mT (amplitude of sinus signal); VDD=13.5V; fB=100Hz,
T=25°C, RM=30Ω
1) Testpulse 1 and 2 are carried out with capacitive coupling clamp even if ISO7637-3 test pulse 1 and 2 is not requesting for
capacitive coupling clamp
Parameter
Symbol
Level/Typ
Status
Testpulse 1
VEMC
IV / -30V
A
Testpulse 2
IV / 30V
A
Testpulse 3a
IV / -60V
A
Testpulse 3b
IV / 40V
A
Table 10
Ref. ISO 11452-3, 2nd edition 2001-03-01 measured in TEM-cell
Parameter
Symbol
Level/Typ
Status
ETemCell
IV / 250V/m
CW; AM=80%, f=1kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com