Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4943C Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # TLE4943C
Description  Hall Based Differential Wheel Speed Sensor with AK protocol
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4943C Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button TLE4943C Datasheet HTML 13Page - Infineon Technologies AG TLE4943C Datasheet HTML 14Page - Infineon Technologies AG TLE4943C Datasheet HTML 15Page - Infineon Technologies AG TLE4943C Datasheet HTML 16Page - Infineon Technologies AG TLE4943C Datasheet HTML 17Page - Infineon Technologies AG TLE4943C Datasheet HTML 18Page - Infineon Technologies AG TLE4943C Datasheet HTML 19Page - Infineon Technologies AG TLE4943C Datasheet HTML 20Page - Infineon Technologies AG TLE4943C Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
TLE4943C
Data Sheet
17
V 1.2, July 2018
2.7.5
Data Protocol for Standstill
If for a longer time than tstop no increment is recognized, the IC starts to send the standstill-protocol. This protocols
is sent every 150ms +/- 20%. In this protocol the current value of the speed-pulse is set to Imid and all the other
bits are transmitted like described before. For very slow wheel speeds more than one standstill protocol can be
issued between consecutive speed pulses.
Figure 11
Standstill protocol
dB
Increment n
time
Increment n+1
Increment n+2
28mA
14mA
7mA
Iout
150ms
150ms
550µs Data Bursts
150ms
Incremental
protocol
Data Burst:
on Zero Crossing
Incremental
protocol
Standstill
Protocol
250 ms
500 ms
Standstill Protocol
Data Burst:
150ms after
Increment Protocol
Data Burst



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com