Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4943C Datasheet(PDF) 18 Page - Infineon Technologies AG

Part # TLE4943C
Description  Hall Based Differential Wheel Speed Sensor with AK protocol
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4943C Datasheet(HTML) 18 Page - Infineon Technologies AG

Back Button TLE4943C Datasheet HTML 14Page - Infineon Technologies AG TLE4943C Datasheet HTML 15Page - Infineon Technologies AG TLE4943C Datasheet HTML 16Page - Infineon Technologies AG TLE4943C Datasheet HTML 17Page - Infineon Technologies AG TLE4943C Datasheet HTML 18Page - Infineon Technologies AG TLE4943C Datasheet HTML 19Page - Infineon Technologies AG TLE4943C Datasheet HTML 20Page - Infineon Technologies AG TLE4943C Datasheet HTML 21Page - Infineon Technologies AG TLE4943C Datasheet HTML 22Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
TLE4943C
Data Sheet
18
V 1.2, July 2018
Figure 12
Protocol at standstill
Note on the standstill - travel transition:
If an increment of the magnetic encoder is detected, the standstill protocol will be aborted. The speed pulse Ihigh
with the initiating initial bit (with the level Ilow) has precedence. Due to the suppression of "bit stumps" also required
in the standstill protocol, the cutting of the protocol can actually only take place between two data bits, and not
during an ongoing bit transmission. The initial bit enables the speed pulse to always be preceded by a current level
Ilow for a duration of at least tp/2. This is helpful for the detection of the speed pulse in the ECU (electronic control
unit).
Zero Crossing
Speed pulse
Data protocol
Sensor output
current Is
Initial bit
Speed replacement
pulse
Initial bit
tp
tp/2
tp
tp
tp
tp
tp
tp
tp
tp
tp
bit0
bit5
bit4
bit3
bit2
bit1
bit7
bit6
Parity
tstop
tp/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com