Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4943C Datasheet(PDF) 41 Page - Infineon Technologies AG

Part # TLE4943C
Description  Hall Based Differential Wheel Speed Sensor with AK protocol
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4943C Datasheet(HTML) 41 Page - Infineon Technologies AG

Back Button TLE4943C Datasheet HTML 37Page - Infineon Technologies AG TLE4943C Datasheet HTML 38Page - Infineon Technologies AG TLE4943C Datasheet HTML 39Page - Infineon Technologies AG TLE4943C Datasheet HTML 40Page - Infineon Technologies AG TLE4943C Datasheet HTML 41Page - Infineon Technologies AG TLE4943C Datasheet HTML 42Page - Infineon Technologies AG TLE4943C Datasheet HTML 43Page - Infineon Technologies AG TLE4943C Datasheet HTML 44Page - Infineon Technologies AG TLE4943C Datasheet HTML 45Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
TLE4943C
Data Sheet
41
V 1.2, July 2018
3.8
Watchdog Reset after Offset Jump
Figure 28
Reset is triggered after watchdog delay time and signal watchdog
When an offset jump, greater than the amplitude of the magnetic speed signal occurs, no zero crossing is passed
anymore and therefore sensor outputs no speed pulse. Instead, standstill protocol is issued. After transmitting five
standstill protocols (typ. 750ms) the signal watchdog starts. If still no speed pulse is output sensor starts to detect
extreme with minimum DNC (digital noise constant). After detecting nswd extreme and still no speed pulse issued,
sensor triggers internal reset and enters uncalibrated mode. Therefore validity of direction, direction information,
validity of airgap and airgap measurement are set to default values. This represents the same status as after
power on. Therefore offset calibration starts again.
dB
Watchdog timer
Signal watchdog
Standstill protocol
Offsetjump
C
D
Uncal Mode
B
A
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com