Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4943C Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TLE4943C
Description  Hall Based Differential Wheel Speed Sensor with AK protocol
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4943C Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TLE4943C Datasheet HTML 12Page - Infineon Technologies AG TLE4943C Datasheet HTML 13Page - Infineon Technologies AG TLE4943C Datasheet HTML 14Page - Infineon Technologies AG TLE4943C Datasheet HTML 15Page - Infineon Technologies AG TLE4943C Datasheet HTML 16Page - Infineon Technologies AG TLE4943C Datasheet HTML 17Page - Infineon Technologies AG TLE4943C Datasheet HTML 18Page - Infineon Technologies AG TLE4943C Datasheet HTML 19Page - Infineon Technologies AG TLE4943C Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
TLE4943C
Data Sheet
16
V 1.2, July 2018
2.7.4
Protocol for High Speed
For higher speeds the data protocol is shortened (last bits are cut off). The table below shows how many bits are
transmitted at different signal frequencies. The serial data protocol is shortened at high speeds, because the time
to the next speed pulse is shorter than the protocol cycle. The data bits at the end are therefore "cut off". In each
speed range, the maximum possible number of bits of additional information are transferred.
The output of partially transmitted bits called “bit stumps” are suppressed. See also Chapter 2.7.6. The shortening
of the protocol does not result in any "bit stumps" (bits which have not been completely transferred). This means
that the bits affected by the shortening in any case will be transmitted completely, means, a bit which has been
started must also be transferred to the end. Instead of the bits affected by the shortening, the current level Ilow must
be output. The suppression of bit stumps does function reliably in all speed ranges and in all regular operating
states of the sensor, i.e. also in the standstill protocol. This ensures that no compatibility problems occur in any
regular operating cases caused by e.g. EMC.
Note: Frequencies in brackets are according AK specification
Table 2
Transmitted bits at electric signal frequency
Electric Signal frequency1)
1) Note: electric signal frequency is equal to two times of magnetic frequency
Typical Number of data bits transmitted
< 1818Hz (1800Hz)
9 (bit0 - bit8)
< 2000 Hz (2000Hz)
8 (bit0 - bit7)
< 2222 Hz (2200Hz)
7 (bit0 - bit6)
< 2500 Hz (2400Hz)
6 (bit0 - bit5)
< 2857 Hz (2800Hz)
5 (bit0 - bit4)
< 3333 Hz (3200Hz)
4 (bit0 - bit3)
< 4000 Hz (4000Hz)
3 (bit0 - bit2)
< 5000 Hz (5000Hz)
2 (bit0 - bit1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com