Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4943C Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # TLE4943C
Description  Hall Based Differential Wheel Speed Sensor with AK protocol
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4943C Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button TLE4943C Datasheet HTML 19Page - Infineon Technologies AG TLE4943C Datasheet HTML 20Page - Infineon Technologies AG TLE4943C Datasheet HTML 21Page - Infineon Technologies AG TLE4943C Datasheet HTML 22Page - Infineon Technologies AG TLE4943C Datasheet HTML 23Page - Infineon Technologies AG TLE4943C Datasheet HTML 24Page - Infineon Technologies AG TLE4943C Datasheet HTML 25Page - Infineon Technologies AG TLE4943C Datasheet HTML 26Page - Infineon Technologies AG TLE4943C Datasheet HTML 27Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
TLE4943C
Data Sheet
23
V 1.2, July 2018
2.8
Operating Modes and States
The basic operation of the TLE4943C is to measure the differential magnetic field of a rotating target wheel and
generate an output signal which represents the wheel speed and provides information about rotation direction and
signal quality. The IC has a three level current interface. The functionality of the TLE4943C can be distinguished
in two different phases: uncalibrated and calibrated mode.
2.8.1
Uncalibrated and Calibrated Mode
After an initial calibration delay time td_input, the differential magnetic signal dB is tracked by an analog to digital
converter (ADC) and monitored within the digital circuit. For detection the signal needs to exceed the internal
threshold DNC (digital noise constant). When the signal slope is identified as a falling (or rising) edge and the
signal change exceeds the DNC, the first extrema is located and first output pulse is triggered. The digital noise
constant value is changed accordingly to magnetic field amplitude, leading to a change in phase shift between
magnetic input signal and output signal. This value of the digital noise constant is determined by the signal
amplitude. First DNC (=2 x dBlimit), indicated as arrows in figure below. A second output is triggered when the
signal change exceeds again the value of the new DNC (calulated by (min1 + max 1)/2)in the following rising
(respectively falling) edge. When a maximum and minimum was found an offset correction will take place. This
leads to a phase shift of output signal and the sensor enters the calibrated mode. In calibrated mode switching is
triggered by the zero crossing of the differential magnetic signal. The min/max detection is reduced to 1/4 of peak-
peak. In calibrated mode minimal DNC is 2 x dBlimit .Out of this consecutive speed pulses have a nominal delay of
about 180°.
Handling of additional information bits in uncalibrated and calibrated mode:
Signal amplitude measurement: SLM is valid if two valid extrema are found (the first extrema after power on is
invalid). Latest with fourth protocol SLM is valid.
Startup at high frequencies could lead to shortened protocol. The bit suppression according Chapter “Bit Stump
Suppression” is executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com