Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4943C Datasheet(PDF) 38 Page - Infineon Technologies AG

Part # TLE4943C
Description  Hall Based Differential Wheel Speed Sensor with AK protocol
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4943C Datasheet(HTML) 38 Page - Infineon Technologies AG

Back Button TLE4943C Datasheet HTML 34Page - Infineon Technologies AG TLE4943C Datasheet HTML 35Page - Infineon Technologies AG TLE4943C Datasheet HTML 36Page - Infineon Technologies AG TLE4943C Datasheet HTML 37Page - Infineon Technologies AG TLE4943C Datasheet HTML 38Page - Infineon Technologies AG TLE4943C Datasheet HTML 39Page - Infineon Technologies AG TLE4943C Datasheet HTML 40Page - Infineon Technologies AG TLE4943C Datasheet HTML 41Page - Infineon Technologies AG TLE4943C Datasheet HTML 42Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
TLE4943C
Data Sheet
38
V 1.2, July 2018
3.6
Degradation of Direction Signal
Direction signal is calculated as following “dB_direction = center - (left + right) / 2”. The direction detection is
optimized for a target wheel pitch of 5 mm. For pitches other than 5 mm the magnetic input signal has to be
increased to compensate signal loss accordingly. For an ideal pitch of 5mm the absolute speed signal in mT is two
times higher than direction signal due to differential principle. Speed signal in figure below is normalized to
magnetic speed signal for a pitch of 5mm. Also direction signal is normalized to speed signal (means degradation
factor=0.5) and to an ideal pitch of 5mm. Absolute values in mT are half of speed signal.
Figure 26
Degradation of speed and direction signal dependent on used target wheel pitch
0,0
0,1
0,2
0,3
0,4
0,5
0,6
0,7
0,8
0,9
1,0
012
345
67
89
10
11
12
Pitch / mm
Deg_speed_norm
Deg_dir_norm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com