Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC1 Datasheet(PDF) 129 Page - STMicroelectronics

Part # STPMIC1
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1 Datasheet(HTML) 129 Page - STMicroelectronics

Back Button STPMIC1 Datasheet HTML 125Page - STMicroelectronics STPMIC1 Datasheet HTML 126Page - STMicroelectronics STPMIC1 Datasheet HTML 127Page - STMicroelectronics STPMIC1 Datasheet HTML 128Page - STMicroelectronics STPMIC1 Datasheet HTML 129Page - STMicroelectronics STPMIC1 Datasheet HTML 130Page - STMicroelectronics STPMIC1 Datasheet HTML 131Page - STMicroelectronics STPMIC1 Datasheet HTML 132Page - STMicroelectronics STPMIC1 Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 140 page
background image
8
Marking composition
Figure 68. Marking composition
Unmarkable surface
Marking composition field
PACKAGE FACE : TOP
LEGEND
A
B
C
D
E
F
G
H
I
J
K
A - 85256
- DOT
B - 85264
- MARKING AREA
C - 85263
- Assy Plant
(PP)
D - 85262
- BE Sequence
(LLL)
E - 85261
- Diffusion
Traceability Plant
(WX)
F - 85260
- COUNTRY OF ORIGIN
(MAX CHAR ALLOWED = 3)
G - 85259
- Assy Year
(Y)
H - 85258
- Assy Week
(WW)
I - 85265
- Second_lvl_intct
J - 85255
- MARKING AREA
K - 85257
- ADDITIONAL
INFORMATION
(MAX CHAR ALLOWED = 2)
MARKING COMPOSITION :
VFQFPN 5.0 X 6.0 X 1 44L PITCH 0.4
STPMIC1
Marking composition
DS12792 - Rev 7
page 129/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com