Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPMIC1 Datasheet(PDF) 130 Page - STMicroelectronics

Part # STPMIC1
Description  Highly integrated power management IC for micro processor units
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMIC1 Datasheet(HTML) 130 Page - STMicroelectronics

Back Button STPMIC1 Datasheet HTML 126Page - STMicroelectronics STPMIC1 Datasheet HTML 127Page - STMicroelectronics STPMIC1 Datasheet HTML 128Page - STMicroelectronics STPMIC1 Datasheet HTML 129Page - STMicroelectronics STPMIC1 Datasheet HTML 130Page - STMicroelectronics STPMIC1 Datasheet HTML 131Page - STMicroelectronics STPMIC1 Datasheet HTML 132Page - STMicroelectronics STPMIC1 Datasheet HTML 133Page - STMicroelectronics STPMIC1 Datasheet HTML 134Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 140 page
background image
9
Ordering information
Table 74. Ordering information
Order code
Part number
Marking
VIO (BUCK3) programming
Packing
STPMIC1APQR(1)
STPMIC1A
STPMIC1A
3.3 V(2)
WFQFN 44L (5x6x0.8)
STPMIC1BPQR(1)
STPMIC1B
STPMIC1B
1.8 V(2)
STPMIC1CPQR(1)
STPMIC1C
STPMIC1C
Not programmed
STPMIC1DPQR(1)
STPMIC1D
STPMIC1D
3.3 V(2)
STPMIC1EPQR(1)
STPMIC1E
STPMIC1E
1.8 V(2)
1. xR= tape and reel packing
2. Refer to Table 1. Default NVM configuration vs part number for all default output voltages in NVM configuration.
STPMIC1
Ordering information
DS12792 - Rev 7
page 130/140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com