Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VD6640 Datasheet(PDF) 112 Page - STMicroelectronics

Part # VD6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD6640 Datasheet(HTML) 112 Page - STMicroelectronics

Back Button VD6640 Datasheet HTML 108Page - STMicroelectronics VD6640 Datasheet HTML 109Page - STMicroelectronics VD6640 Datasheet HTML 110Page - STMicroelectronics VD6640 Datasheet HTML 111Page - STMicroelectronics VD6640 Datasheet HTML 112Page - STMicroelectronics VD6640 Datasheet HTML 113Page - STMicroelectronics VD6640 Datasheet HTML 114Page - STMicroelectronics VD6640 Datasheet HTML 115Page - STMicroelectronics VD6640 Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 126 page
background image
Application
VG6640, VD6640
112/126
DocID023597 Rev 11
11.6
External sync input
The image sensor can accept an external synchronization (sync) input from either an I2C
signal or an external signal.
For an external signal (FSYNC_IN), the synchronization occurs on the rising edge of the
signal only.
The image sensor measures the delay between the external sync signal and the internal
frame start and records the value in a status register. Re-synchronizing the frame will not
cause corruption to the current image streaming. If the initial sync signal occurs during the
active part of a frame, the sensor will complete the current frame, then output the next frame
as soon as possible (i.e. with minimum frame blanking). In that way, the output frames will
synchronize with the frame sync signal after several frames have been streamed and with
no loss or corruption of frames.
The image sensor also provides a frame synchronization output (FSYNC_OUT) that
provides a rising edge when integration of the frame starts.
11.7
Error correcting code (ECC) output
Error correcting code (ECC) checking is provided on the MCU SRAM memories.
If a single bit error occurs, the error is corrected. In this case, a flag is set and a counter is
incremented in the registers and status line.
If double bit error occurs, it cannot be corrected. In this case, a flag is set and the ECC_OUT
signal is latched and will remain HI. Normally the companion device would reset the image
sensor in this case, since the internal firmware of the sensor may be corrupted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com