Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9028PRO Datasheet(PDF) 16 Page - ESS Technology,Inc

Part # ES9028PRO
Description  32-Bit HyperStream짰 II 8-Channel Audio DAC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9028PRO Datasheet(HTML) 16 Page - ESS Technology,Inc

Back Button ES9028PRO Datasheet HTML 12Page - ESS Technology,Inc ES9028PRO Datasheet HTML 13Page - ESS Technology,Inc ES9028PRO Datasheet HTML 14Page - ESS Technology,Inc ES9028PRO Datasheet HTML 15Page - ESS Technology,Inc ES9028PRO Datasheet HTML 16Page - ESS Technology,Inc ES9028PRO Datasheet HTML 17Page - ESS Technology,Inc ES9028PRO Datasheet HTML 18Page - ESS Technology,Inc ES9028PRO Datasheet HTML 19Page - ESS Technology,Inc ES9028PRO Datasheet HTML 20Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 57 page
background image
CONFIDENTIAL INFORMATION v3.6
July 6, 2020
ES9028PRO 32-Bit HyperStream® II 8-Channel Audio DAC
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA. Tel (408) 643-
8800 • Fax (408) 643-8801
16
Register 1: Input selection
Bits
[7]
[6]
[5]
[4]
[3:2]
[1:0]
Mnemonic
user_bits
spdif_ig_data
spdif_ig_valid
reserved
auto_select
input_select
Default
1’b0
1’b0
1’b0
1’b0
2’b11
2’b00
Bit
Mnemonic
Description
[7]
user_bits
Both SPDIF channel status bits and SPDIF user bits are available for readback
via the I2C interface. To reduce register count, the channel status bits and user
bits occupy the same register space. Setting user_bits will present the SPDIF
user bits on the read-only register interface instead of the default channel status
bits.
•
1’b1: presents the SPDIF user bits on the read-only register interface
•
1’b0: presents the SPDIF channel status bits on the read-only register
interface (default)
[6]
spdif_ig_data
Configures the SPDIF decoder to ignore the ‘data’ flag in the channel status bits.
•
1’b1: ignore the data flag in the channel status bits and continue to
process the decoded SPDIF data
•
1’b0: mute the SPDIF data when the data flag is set (default)
Note: Enabling the SPDIF output when data is present could cause undesirable
noise if the SPDIF data is compressed audio or a non-standard format.
[5]
spdif_ig_valid
Configures the SPDIF decoder to ignore the ‘valid’ flag in the SPDIF stream.
•
1
’b1: ignore the valid flag and continue to process the decoded SPDIF
data
•
1’b0: mute the SPDIF data when the valid flag is invalid (default)
[4]
reserved
[3:2]
auto_select
Allows the SABRE DAC to automatically select between either serial, SPDIF or
DSD input formats.
•
2’b11: automatically select between DSD, SPDIF or serial data (default)
•
2’b10: automatically select between SPDIF or serial data
•
2’b01: automatically select between DSD or serial data
•
2’b00: disable automatic input decoder and instead use the information
provided by register 1[1:0]
[1:0]
input_select
Configures the SABRE DAC to use a particular input decoder if auto_select is
disabled.
•
2’b11: DSD
•
2’b10: reserved
•
2’b01: SPDIF
•
2’b00: serial (default)
Note
: Register 1[3:2] must be set to 2’b00 for input_select to function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com