Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9028PRO Datasheet(PDF) 18 Page - ESS Technology,Inc

Part # ES9028PRO
Description  32-Bit HyperStream짰 II 8-Channel Audio DAC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9028PRO Datasheet(HTML) 18 Page - ESS Technology,Inc

Back Button ES9028PRO Datasheet HTML 14Page - ESS Technology,Inc ES9028PRO Datasheet HTML 15Page - ESS Technology,Inc ES9028PRO Datasheet HTML 16Page - ESS Technology,Inc ES9028PRO Datasheet HTML 17Page - ESS Technology,Inc ES9028PRO Datasheet HTML 18Page - ESS Technology,Inc ES9028PRO Datasheet HTML 19Page - ESS Technology,Inc ES9028PRO Datasheet HTML 20Page - ESS Technology,Inc ES9028PRO Datasheet HTML 21Page - ESS Technology,Inc ES9028PRO Datasheet HTML 22Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 57 page
background image
CONFIDENTIAL INFORMATION v3.6
July 6, 2020
ES9028PRO 32-Bit HyperStream® II 8-Channel Audio DAC
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA. Tel (408) 643-
8800 • Fax (408) 643-8801
18
Register 3: Reserved
Bits
[7:0]
Mnemonic
reserved
Default
8’b00000000
Register 4: Automute Time
Bits
[7:0]
Mnemonic
automute_time
Default
8’d0
Bit
Mnemonic
Description
[7:0]
automute_time
Configures the amount of time the audio data must remain below the
automute_level before an automute condition is flagged. Defaults to
0 which disables automute.
Time in seconds =
2096896
automute_time ∗ FSR
Register 5: Automute Level
Bits
[7]
[6:0]
Mnemonic
reserved
automute_level
Default
1’b0
7’d104
Bit
Mnemonic
Description
[7]
reserved
[6:0]
automute_level
Configures the threshold which the audio must be below before an
automute condition is flagged. The level is measured in decibels (dB)
and defaults to -104dB.
Note: This register works in tandem with automute_time to create the
automute condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com