Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9028PRO Datasheet(PDF) 31 Page - ESS Technology,Inc

Part # ES9028PRO
Description  32-Bit HyperStream짰 II 8-Channel Audio DAC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9028PRO Datasheet(HTML) 31 Page - ESS Technology,Inc

Back Button ES9028PRO Datasheet HTML 27Page - ESS Technology,Inc ES9028PRO Datasheet HTML 28Page - ESS Technology,Inc ES9028PRO Datasheet HTML 29Page - ESS Technology,Inc ES9028PRO Datasheet HTML 30Page - ESS Technology,Inc ES9028PRO Datasheet HTML 31Page - ESS Technology,Inc ES9028PRO Datasheet HTML 32Page - ESS Technology,Inc ES9028PRO Datasheet HTML 33Page - ESS Technology,Inc ES9028PRO Datasheet HTML 34Page - ESS Technology,Inc ES9028PRO Datasheet HTML 35Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 57 page
background image
July 6, 2020
CONFIDENTIAL INFORMATION v3.6
ES9028PRO 32-Bit HyperStream® II 8-Channel Audio DAC
31
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA. Tel (408) 643-
8800 • Fax (408) 643-8801
Register 37: Programmable FIR Configuration
Bits
[7]
[6:5]
[4]
[3]
[2]
[1]
[0]
Mnemonic
bypass_osf
reserved
filter_length
prog_ext
stage2_even
prog_we
prog_en
Default
1’b0
2’b00
1’b0
1’b0
1’b0
1’b0
1’b0
Bit
Mnemonic
Description
[7]
bypass_osf
Allows the use of an external 8x upsampling filter, bypassing the internal
interpolating FIR filter.
•
1’b0: uses the built-in oversampling filter (default)
•
1’b1: uses an external upsampling filter, which requires data
oversampled by 8x externally
[6:5]
reserved
[4]
filter_length
Selects the filter length to be used in the first stage oversampling step.
•
1’b0: uses the standard 128-tap first stage filter when in fast roll-
off mode (default)
•
1’b1: uses an extended 256-tap first stage filter at the expense
of disabling oversampling on channels 3-8. This mode should
only be used when in stereo operation and with channel mapping
set appropriately
[3]
prog_ext
Enables programming the extended 256-tap coefficients.
•
1’b0: prog_coeff_addr maps to coefficients 0-127 (default)
•
1’b1: prog_coeff_addr maps to coefficients 128-255
[2]
stage2_eve
Selects the symmetry of the stage 2 oversampling filter.
•
1’b0: Uses a sine symmetric filter (27 coefficients) (default)
•
1’b1: Uses a cosine symmetric filter (28 coefficients)
[1]
prog_we
Enables writing to the programmable coefficient RAM.
•
1’b0: Disables write signal to the coefficient RAM (default)
•
1’b1: Enables write signal to the coefficient RAM
[0]
prog_en
Enables the custom oversampling filter coefficients.
•
1’b0: Uses a built-in filter selected by filter_shape (default)
•
1’b1: Uses the coefficients programmed via prog_coeff_data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com