Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9028PRO Datasheet(PDF) 21 Page - ESS Technology,Inc

Part # ES9028PRO
Description  32-Bit HyperStream짰 II 8-Channel Audio DAC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9028PRO Datasheet(HTML) 21 Page - ESS Technology,Inc

Back Button ES9028PRO Datasheet HTML 17Page - ESS Technology,Inc ES9028PRO Datasheet HTML 18Page - ESS Technology,Inc ES9028PRO Datasheet HTML 19Page - ESS Technology,Inc ES9028PRO Datasheet HTML 20Page - ESS Technology,Inc ES9028PRO Datasheet HTML 21Page - ESS Technology,Inc ES9028PRO Datasheet HTML 22Page - ESS Technology,Inc ES9028PRO Datasheet HTML 23Page - ESS Technology,Inc ES9028PRO Datasheet HTML 24Page - ESS Technology,Inc ES9028PRO Datasheet HTML 25Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
July 6, 2020
CONFIDENTIAL INFORMATION v3.6
ES9028PRO 32-Bit HyperStream® II 8-Channel Audio DAC
21
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA. Tel (408) 643-
8800 • Fax (408) 643-8801
Register 8: GPIO1-2 Configuration
Bits
[7:4]
[3:0]
Mnemonic
gpio2_cfg
gpio1_cfg
Default
4’d8
4’d8
Register 9: GPIO3-4 Configuration
Bits
[7:4]
[3:0]
Mnemonic
gpio4_cfg
gpio3_cfg
Default
4’d8
4’d8
GPIO Table
The GPIO can each be configured in one of several ways.
The table below is for programming each independent GPIO configuration value.
gpioX_cfg Name
I/O
Direction
Details
4’d 0
Automute Status
Output
Output is high when an automute has been triggered. This signal is
analogous to the automute_status register (register 64).
4’d 1
Lock Status
Output
Output is high when lock is triggered. This signal is analogous to
the lock_status register (register 64).
4’d 2
Volume Min
Output
Output is high when all digital volume controls have been ramped to
minus full scale. This can occur, for example, if automute is enabled
and set to mute the volume.
4’d 3
CLK
Output
Output is a buffered MCLK signal which can be used to synchronize
other devices.
4’d 4
Automute/Lock Interrupt
Output
Output is high when the contents of register 64 have been modified
(meaning that the lock_status or automute_status register have
been changed). Reading register 64 will clear this interrupt.
4’d 5
ADC_CLK
Output
Output is a buffered ADC clock signal. The ADC clock signal is
defined by the adc_clk_sel register.
4’d6
Reserved
4’d 7
Output 1’b0
Output
Output is forced low
4’d 8
Standard Input
Input
Places the GPIO into a high impedance state, allowing the customer
to provide a digital signal and then read that signal back via the I2C
register 65.
4’d 9
Input Select
Input
Places the GPIO into a high impedance state and allows the
customer to toggle the input selection between two modes using the
GPIO. See register 15 for more information.
4’d 10
Mute All
Input
Places the GPIO into a high impedance state and allows the
customer to force a mute condition by applying a logic high signal to
the GPIO. When a logic low signal is applied the DAC will exhibit
normal operation.
4’d11
Reserved
4’d12
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com