Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9028PRO Datasheet(PDF) 4 Page - ESS Technology,Inc

Part # ES9028PRO
Description  32-Bit HyperStream짰 II 8-Channel Audio DAC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9028PRO Datasheet(HTML) 4 Page - ESS Technology,Inc

  ES9028PRO Datasheet HTML 1Page - ESS Technology,Inc ES9028PRO Datasheet HTML 2Page - ESS Technology,Inc ES9028PRO Datasheet HTML 3Page - ESS Technology,Inc ES9028PRO Datasheet HTML 4Page - ESS Technology,Inc ES9028PRO Datasheet HTML 5Page - ESS Technology,Inc ES9028PRO Datasheet HTML 6Page - ESS Technology,Inc ES9028PRO Datasheet HTML 7Page - ESS Technology,Inc ES9028PRO Datasheet HTML 8Page - ESS Technology,Inc ES9028PRO Datasheet HTML 9Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 57 page
background image
CONFIDENTIAL INFORMATION v3.6
July 6, 2020
ES9028PRO 32-Bit HyperStream® II 8-Channel Audio DAC
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA. Tel (408) 643-
8800 • Fax (408) 643-8801
4
PIN DESCRIPTIONS
Pin
Name
Pin Type
Reset State
Pin Description
1
VDD_L
Power
Power
Analog Power (+1.2V) for Left channels
2
DAC1
AO
Driven to ground via RDAC
Differential Positive Analog Output 1
3
DAC1B
AO
Driven to ground via RDAC
Differential Negative Analog Output 1
4
DAC3B
AO
Driven to ground via RDAC
Differential Negative Analog Output 3
5
DAC3
AO
Driven to ground via RDAC
Differential Positive Analog Output 3
6
AGND_L
Ground
Ground
Analog Ground for Left channels
7
AVCC_L
Power
Power
Low-Noise Analog Power (+3.3V) for Left channels
8
RESETB
I
Tri-stated
Global Reset Input, Active Low
9
DGND
Ground
Ground
Digital Ground
10
AVCC_L
Power
Power
Low-Noise Analog Power (+3.3V) for Left channels
11
AGND_L
Ground
Ground
Analog Ground for Left channels
12
DAC5
AO
Driven to ground via RDAC
Differential Positive Analog Output 5
13
DAC5B
AO
Driven to ground via RDAC
Differential Negative Analog Output 5
14
DAC7B
AO
Driven to ground via RDAC
Differential Negative Analog Output 7
15
DAC7
AO
Driven to ground via RDAC
Differential Positive Analog Output 7
16
VDD_L
Power
Power
Analog Power (+1.2V) for Left channels
17
AVCC_L
Power
Power
Low-Noise Analog Power (+3.3V) for Left channels
18
AGND_L
Ground
Ground
Analog Ground for Left channels
19
DGND
Ground
Ground
Digital Ground
20
DVDD
Power
Power
Digital Power (+1.2V) for core logic
21
SDA
I/O
Tri-stated
I2C Serial Data Input / Output
22
SCL
I
Tri-stated
I2C Serial Clock Input
23
XOUT
AO
Floating
Crystal oscillator output
24
XIN
AI
Floating
Crystal oscillator input (Note: can also just be a clock input)
25
VCCA
Power
Power
Power (+3.3V) for oscillator / Gain Calibration
26
GPIO4
I/O
Tri-stated
GPIO 4
27
GPIO3
I/O
Tri-stated
GPIO 3
28
GPIO2
I/O
Tri-stated
GPIO 2
29
DVDD
Power
Power
Digital Power (+1.2V) for core of chip
30
DGND
Ground
Ground
Digital Ground
31
AGND_R
Ground
Ground
Analog Ground for Right channels
32
AVCC_R
Power
Power
Low-Noise Analog Power (+3.3V) for Right channels
33
VDD_R
Power
Power
Analog Power (+1.2V) for Right channels
34
DAC8
AO
Driven to ground via RDAC
Differential Positive Analog Output 8
35
DAC8B
AO
Driven to ground via RDAC
Differential Negative Analog Output 8
36
DAC6B
AO
Driven to ground via RDAC
Differential Negative Analog Output 6
37
DAC6
AO
Driven to ground via RDAC
Differential Positive Analog Output 6
38
AGND_R
Ground
Ground
Analog Ground for Right channels
39
AVCC_R
Power
Power
Low-Noise Analog Power (+3.3V) for Right channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com