Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9028PRO Datasheet(PDF) 47 Page - ESS Technology,Inc

Part # ES9028PRO
Description  32-Bit HyperStream짰 II 8-Channel Audio DAC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9028PRO Datasheet(HTML) 47 Page - ESS Technology,Inc

Back Button ES9028PRO Datasheet HTML 43Page - ESS Technology,Inc ES9028PRO Datasheet HTML 44Page - ESS Technology,Inc ES9028PRO Datasheet HTML 45Page - ESS Technology,Inc ES9028PRO Datasheet HTML 46Page - ESS Technology,Inc ES9028PRO Datasheet HTML 47Page - ESS Technology,Inc ES9028PRO Datasheet HTML 48Page - ESS Technology,Inc ES9028PRO Datasheet HTML 49Page - ESS Technology,Inc ES9028PRO Datasheet HTML 50Page - ESS Technology,Inc ES9028PRO Datasheet HTML 51Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 57 page
background image
July 6, 2020
CONFIDENTIAL INFORMATION v3.6
ES9028PRO 32-Bit HyperStream® II 8-Channel Audio DAC
47
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA. Tel (408) 643-
8800 • Fax (408) 643-8801
ANALOG PERFORMANCE
Test Conditions (unless otherwise stated)
1.
TA = 25oC, AVCC = +3.3V, VDD = +1.2V, fs = 44.1kHz, MCLK = 27MHz and 32-bit data
2.
SNR / DNR: A-weighted over 20Hz-20kHz in averaging mode
3.
THD+N: un-weighted over 20Hz-20kHz bandwidth
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
32
Bits
XIN frequency
100
MHz
MCLK (PCM normal mode)
Asynchronous
mode
Synchronous mode
>128FSR
128FSR
������������
2������������_����������������
Hz
MCLK (PCM OSF bypass mode)
Asynchronous
mode
Synchronous mode
24FSR
16FSR
MCLK (DSD mode)
Asynchronous
mode
Synchronous mode
3FSR
2FSR
MCLK (SPDIF mode)
386FSR
FSR (PCM normal mode)
Asynchronous
mode
Synchronous mode
384
768
kHz
FSR (PCM OSF bypass mode)
1.536
MHz
FSR (DSD mode)
Asynchronous
mode
Synchronous mode
11.3
22.6
MHz
FSR (SPDIF mode)
192
kHz
DYNAMIC PERFORMANCE
DNR (mono differential current mode)
–60dBFS
135
dB-A
DNR (stereo differential current mode)
–60dBFS
133
dB-A
DNR (8-Ch differential current mode)
–60dBFS
129
dB-A
THD+N (differential current mode)
0dBFS
–120
dB
ANALOG OUTPUT (per + or
– pin of each differential DAC output pair)
Output impedance (RDAC)
806
 14%
Voltage mode output range (VOPP)
Full-scale out
0.924 x AVCC
Vp-p
Voltage mode output offset (VOCM)
Bipolar zero out
AVCC / 2
V
Current mode output range
Full-scale out
1000 x
VOPP / RDAC
mAp-p
Current mode output offset
Bipolar zero out
to virtual ground
held at VG (V)
1000 x
(VOPP - VG) /
RDAC
mA
Digital Filter Performance
De-emphasis error
0.2
dB
Mute Attenuation
127
dB
IIR Filter Characteristics
Pass band (-3dB)
iir_bw=0
iir_bw=1
iir_bw=2
iir_bw=3
47 x fs/44100
50 x fs/44100
60 x fs/44100
70 x fs/44100
kHz
Stop band attenuation
18
dB/oct



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com