Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9028PRO Datasheet(PDF) 57 Page - ESS Technology,Inc

Part # ES9028PRO
Description  32-Bit HyperStream짰 II 8-Channel Audio DAC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9028PRO Datasheet(HTML) 57 Page - ESS Technology,Inc

Back Button ES9028PRO Datasheet HTML 49Page - ESS Technology,Inc ES9028PRO Datasheet HTML 50Page - ESS Technology,Inc ES9028PRO Datasheet HTML 51Page - ESS Technology,Inc ES9028PRO Datasheet HTML 52Page - ESS Technology,Inc ES9028PRO Datasheet HTML 53Page - ESS Technology,Inc ES9028PRO Datasheet HTML 54Page - ESS Technology,Inc ES9028PRO Datasheet HTML 55Page - ESS Technology,Inc ES9028PRO Datasheet HTML 56Page - ESS Technology,Inc ES9028PRO Datasheet HTML 57Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 57 / 57 page
background image
July 6, 2020
CONFIDENTIAL INFORMATION v3.6
ES9028PRO 32-Bit HyperStream® II 8-Channel Audio DAC
57
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA. Tel (408) 643-
8800 • Fax (408) 643-8801
ORDERING INFORMATION
Part Number
Description
Package
ES9028PRO
SABRE PRO 32-Bit Hyperstream® II 8-Channel Audio DAC
64-eTQFP
Revision History
Rev.
Date
Notes
0.1
December 22, 2015
Initial release
1.0
April 21, 2016
Revision 1.0 release
1.1
April 26, 2016
Added description of DSD over PCM (DoP) support.
2.0
July 7, 2016
Revision 2.0 release
2.02
July 18, 2016
Update power consumption table
2.1
August 22, 2016
Correct register #6[6] to deemph_bypass
Add notes that multi-byte registers use little-endian ordering
2.5
October 13, 2016
Updated Register #54[7]
Updated Asychronous Mode to 128Fs
2.6
November 22, 2016
Updated Chip ID
2.7
March 8, 2017
Updated Register #63 [3:2]
2.8
April 21, 2017
Fixed typo for note under Register #63
2.9
August 25, 2017
Updated front page removed
“mobile” in the Benefits
3.0
November 28, 2017
Removed ESS logo from pin diagram
3.1
December 1, 2017
Renumber SPDIF inputs in pin description to match table on page 6
3.2
March 14, 2018
Add note for VDD_L, VDD_R and DVDD internal connection
3.3
March 29, 2018
Added notes for FIR and IIR filter usage to Register 7 description.
Added additional description to IIR filter response section.
3.4
May 2, 2018
Corrected example code used to load custom filter.
3.5
March 5, 2019
Updated SABRE®, Hyperstream®II, SABRE SOUND®.
Updated Register #63 [3:2]
3.6
July 6, 2020
Corrected Xin pin layout
ESS IC's are not intended, authorized, or warranted for use as components in military applications, medical devices or life support systems. ESS
assumes no liability whatsoever and disclaims any expressed, implied or statutory warranty for use of ESS IC's in such unsuitable applications.
No part of this publication may be reproduced, stored in a retrieval system, transmitted, or translated in any form or by any means, electronic,
mechanical, manual, optical, or otherwise, without the prior written permission of ESS Technology, Inc. ESS Technology, Inc. makes no representations
or warranties regarding the content of this document. All specifications are subject to change without prior notice. ESS Technology, Inc. assumes no
responsibility for any errors contained herein. U.S. patents pending.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com