Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9028PRO Datasheet(PDF) 25 Page - ESS Technology,Inc

Part # ES9028PRO
Description  32-Bit HyperStream짰 II 8-Channel Audio DAC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9028PRO Datasheet(HTML) 25 Page - ESS Technology,Inc

Back Button ES9028PRO Datasheet HTML 21Page - ESS Technology,Inc ES9028PRO Datasheet HTML 22Page - ESS Technology,Inc ES9028PRO Datasheet HTML 23Page - ESS Technology,Inc ES9028PRO Datasheet HTML 24Page - ESS Technology,Inc ES9028PRO Datasheet HTML 25Page - ESS Technology,Inc ES9028PRO Datasheet HTML 26Page - ESS Technology,Inc ES9028PRO Datasheet HTML 27Page - ESS Technology,Inc ES9028PRO Datasheet HTML 28Page - ESS Technology,Inc ES9028PRO Datasheet HTML 29Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 57 page
background image
July 6, 2020
CONFIDENTIAL INFORMATION v3.6
ES9028PRO 32-Bit HyperStream® II 8-Channel Audio DAC
25
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA. Tel (408) 643-
8800 • Fax (408) 643-8801
Register 12: Jitter Eliminator / DPLL Bandwidth
Bits
[7:4]
[3:0]
Mnemonic
dpll_bw_serial
dpll_bw_dsd
Default
4’d5
4’d10
Bit
Mnemonic
Description
[7:4]
dpll_bw_serial
Sets the bandwidth of the DPLL when operating in I2S/SPDIF mode.
•
4’d0: DPLL Off
•
4’d1: Lowest Bandwidth
•
4’d2:
•
4’d3:
•
4’d4:
•
4’d5: (default)
•
4’d6:
•
4’d7:
•
4’d8:
•
4’d9:
•
4’d10:
•
4’d11:
•
4’d12:
•
4’d13:
•
4’d14:
•
4’d15: Highest Bandwidth
[3:0]
dpll_bw_dsd
Sets the bandwidth of the DPLL when operating in DSD mode.
•
4’d0: DPLL Off
•
4’d1: Lowest Bandwidth
•
4’d2:
•
4’d3:
•
4’d4:
•
4’d5:
•
4’d6:
•
4’d7:
•
4’d8:
•
4’d9:
•
4’d10: (default)
•
4’d11:
•
4’d12:
•
4’d13:
•
4’d14:
•
4’d15: Highest Bandwidth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com