Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9028PRO Datasheet(PDF) 32 Page - ESS Technology,Inc

Part # ES9028PRO
Description  32-Bit HyperStream짰 II 8-Channel Audio DAC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9028PRO Datasheet(HTML) 32 Page - ESS Technology,Inc

Back Button ES9028PRO Datasheet HTML 28Page - ESS Technology,Inc ES9028PRO Datasheet HTML 29Page - ESS Technology,Inc ES9028PRO Datasheet HTML 30Page - ESS Technology,Inc ES9028PRO Datasheet HTML 31Page - ESS Technology,Inc ES9028PRO Datasheet HTML 32Page - ESS Technology,Inc ES9028PRO Datasheet HTML 33Page - ESS Technology,Inc ES9028PRO Datasheet HTML 34Page - ESS Technology,Inc ES9028PRO Datasheet HTML 35Page - ESS Technology,Inc ES9028PRO Datasheet HTML 36Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 57 page
background image
CONFIDENTIAL INFORMATION v3.6
July 6, 2020
ES9028PRO 32-Bit HyperStream® II 8-Channel Audio DAC
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA. Tel (408) 643-
8800 • Fax (408) 643-8801
32
Registers 38-41: DAC Channel Mapping
The DAC channel mapping registers are used to map the internal data path to the analog section. Any one of the 8
decoded input channels can be mapped to any of the 8 output DAC channels. By default , in1 will map to DAC1, etc.
Each DAC has a 4-bit register that assigns the input channel.
•
4’d0: input 1 is used
•
4’d1: input 2 is used
•
4
’d2: input 3 is used
•
4’d3: input 4 is used
•
4’d4: input 5 is used
•
4’d5: input 6 is used
•
4’d6: input 7 is used
•
4’d7: input 8 is used
Register 38: DAC 1-2 Mapping
Bits
[7:4]
[3:0]
Mnemonic
ch2_map
ch1_map
Default
4’d1
4’d0
Register 39: DAC 3-4 Mapping
Bits
[7:4]
[3:0]
Mnemonic
ch4_map
ch3_map
Default
4’d3
4’d2
Register 40: DAC 5-6 Mapping
Bits
[7:4]
[3:0]
Mnemonic
ch6_map
ch5_map
Default
4’d5
4’d4
Register 41: DAC 7-8 Mapping
Bits
[7:4]
[3:0]
Mnemonic
ch8_map
ch7_map
Default
4’d7
4’d6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com