Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9028PRO Datasheet(PDF) 17 Page - ESS Technology,Inc

Part # ES9028PRO
Description  32-Bit HyperStream짰 II 8-Channel Audio DAC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9028PRO Datasheet(HTML) 17 Page - ESS Technology,Inc

Back Button ES9028PRO Datasheet HTML 13Page - ESS Technology,Inc ES9028PRO Datasheet HTML 14Page - ESS Technology,Inc ES9028PRO Datasheet HTML 15Page - ESS Technology,Inc ES9028PRO Datasheet HTML 16Page - ESS Technology,Inc ES9028PRO Datasheet HTML 17Page - ESS Technology,Inc ES9028PRO Datasheet HTML 18Page - ESS Technology,Inc ES9028PRO Datasheet HTML 19Page - ESS Technology,Inc ES9028PRO Datasheet HTML 20Page - ESS Technology,Inc ES9028PRO Datasheet HTML 21Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 57 page
background image
July 6, 2020
CONFIDENTIAL INFORMATION v3.6
ES9028PRO 32-Bit HyperStream® II 8-Channel Audio DAC
17
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA. Tel (408) 643-
8800 • Fax (408) 643-8801
Register 2: Serial Data Configuration and Automute Enable
Bits
[7:6]
[5:4]
[3:2]
[1:0]
Mnemonic
automute_config
serial_bits
serial_length
serial_mode
Default
2’b00
2’b11
2’b11
2’b00
Bit
Mnemonic
Description
[7:6]
automute
config
Configures the automute state machine, which allows the SABRE DAC to
perform different power saving and sound optimizations.
2’b11: perform a mute and then ramp all channels to ground when an
automute condition is asserted
2’b10: ramp all channels to ground when an automute condition is
asserted
2’b01: perform a mute when an automute condition is asserted
2’b00: normal operation (default)
Note: Ramping DAC outputs to ground can reduce the power consumption of
the SABRE DAC in some situations.
Note: This process can be sped up by using the automute_time, volume_rate
and soft_start_time registers.
[5:4]
serial_bits
Selects how many bits consist of a data word in the serial data stream.
2’b11: 32-bit data words (default)
2’b10: 32-bit data words
2’b01: 24-bit data words
2’b00: 16-bit data words
[3:2]
serial_length
Selects how many DATA_CLK pulses exist per data word.
2’b11: 32-bit data words (default)
2’b10: 32-bit data words
2’b01: 24-bit data words
2’b00: 16-bit data words
[1:0]
serial_mode
Configures the type of serial data.
2’b11 or 2’b10: right-justified mode
2’b01: left-justified mode
2’b00: I2S mode (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com