Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9028PRO Datasheet(PDF) 20 Page - ESS Technology,Inc

Part # ES9028PRO
Description  32-Bit HyperStream짰 II 8-Channel Audio DAC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9028PRO Datasheet(HTML) 20 Page - ESS Technology,Inc

Back Button ES9028PRO Datasheet HTML 16Page - ESS Technology,Inc ES9028PRO Datasheet HTML 17Page - ESS Technology,Inc ES9028PRO Datasheet HTML 18Page - ESS Technology,Inc ES9028PRO Datasheet HTML 19Page - ESS Technology,Inc ES9028PRO Datasheet HTML 20Page - ESS Technology,Inc ES9028PRO Datasheet HTML 21Page - ESS Technology,Inc ES9028PRO Datasheet HTML 22Page - ESS Technology,Inc ES9028PRO Datasheet HTML 23Page - ESS Technology,Inc ES9028PRO Datasheet HTML 24Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 57 page
background image
CONFIDENTIAL INFORMATION v3.6
July 6, 2020
ES9028PRO 32-Bit HyperStream® II 8-Channel Audio DAC
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA. Tel (408) 643-
8800 • Fax (408) 643-8801
20
Register 7: Filter Bandwidth and System Mute
Bits
[7:5]
[4:3]
[2:1]
[0]
Mnemonic
filter_shape
reserved
iir_bw
mute
Default
3’b010
2’b00
2’b00
1’b0
Bit
Mnemonic
Description
[7:5]
filter_shape
Selects the type of filter to use during the 8x FIR interpolation phase.
•
3’b111: brickwall filter
•
3’b110: hybrid, fast roll-off, minimum phase filter
•
3’b100: apodizing, fast roll-off, linear phase filter
•
3’b101: reserved
•
3’b011: slow roll-off, minimum phase filter
•
3’b010: fast roll-off, minimum phase filter (default)
•
3’b001: slow roll-off, linear phase filter
•
3’b000: fast roll-off, linear phase filter
Note: The FIR filter is only applied to PCM data, DSD bypasses this phase
[4:3]
reserved
[2:1]
iir_bw
Selects the type of filter to use during the 8x IIR interpolation phase.
•
2’b11: 1.5873fs (70k @ 44.1kHz)
•
2’b10: 1.3605fs (60k @ 44.1kHz)
•
2’b01: 1.1338fs (50k @ 44.1kHz)
•
2’b00: 1.0757fs (47.44k @ 44.1kHz) (default)
Note: 47.44k filter should only be used for PCM data. Recommended
settings for DSD data are 50k, 60k or 70k.
[0]
mute
Mutes all 8 channels of the SABRE DAC.
•
1’b1: mute all eight channels
•
1’b0: normal operation (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com