Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9028PRO Datasheet(PDF) 40 Page - ESS Technology,Inc

Part # ES9028PRO
Description  32-Bit HyperStream짰 II 8-Channel Audio DAC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9028PRO Datasheet(HTML) 40 Page - ESS Technology,Inc

Back Button ES9028PRO Datasheet HTML 36Page - ESS Technology,Inc ES9028PRO Datasheet HTML 37Page - ESS Technology,Inc ES9028PRO Datasheet HTML 38Page - ESS Technology,Inc ES9028PRO Datasheet HTML 39Page - ESS Technology,Inc ES9028PRO Datasheet HTML 40Page - ESS Technology,Inc ES9028PRO Datasheet HTML 41Page - ESS Technology,Inc ES9028PRO Datasheet HTML 42Page - ESS Technology,Inc ES9028PRO Datasheet HTML 43Page - ESS Technology,Inc ES9028PRO Datasheet HTML 44Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 57 page
background image
CONFIDENTIAL INFORMATION v3.6
July 6, 2020
ES9028PRO 32-Bit HyperStream® II 8-Channel Audio DAC
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA. Tel (408) 643-
8800 • Fax (408) 643-8801
40
SPDIF CHANNEL STATUS
– Consumer configuration
Address
Offset
[7]
[6]
[5]
[4]
[3]
[2]
[1]
[0]
0
Reserved
Reserved
0:2Channel
1:4Channel
Reserved
0:No-Preemph
1:Preemph
0:CopyRight
1:Non-CopyRight
0:Audio
1:Data
0:Consumer
1:Professional
1
Category Code
0x00: General
0x01:Laser-Optical
0x02:D/D Converter
0x03:Magnetic
0x04:Digital Broadcast
0x05:Musical Instrument
0x06:Present A/D Converter
0x08:Solid State Memory
0x16:Future A/D Converter
0x19:DVD
0x40:Experimental
2
Channel Number
0x0: Don
’t Care
0x1: A (Left)
0x2: B (Right)
0x3: C
0x4: D
0x5: E
0x6: F
0x7: G
0x8: H
0x9: I
0xA: J
0xB: K
0xC: L
0xD: M
0xE: N
0xF: O
Source Number
0x0:Don
’t Care
0x1: 1
0x2: 2
0x3: 3
0x4: 4
0x5: 5
0x6: 6
0x7: G
0x8: 8
0x9: 9
0xA: 10
0xB: 11
0xC: 12
0xD: 13
0xE: 14
0xF: 15
3
Reserved
Reserved
Clock Accuracy
0x0:Level 2
1000ppm
0x1:Level 1
50ppm
0x2:Level 3 variable pitch shifted
Sample Frequency
0x0: 44.1k
0x2: 48k
0x3: 32k
0x4: 22.05k
0x6: 24k
0x8: 88.2k
0xA: 96k
0xC: 176.4k
0xE: 192k
4
Reserved
Reserved
Reserved
Reserved
Word Length:
If Word Field Size=0 |If Word Field Size = 1
000=Not indicated
|000=Not indicated
100 = 23bits
|100 = 19bits
010 = 22bits
|010 = 18bits
110 = 21bits
|110 = 17bits
001 = 20bits
|001 = 16bits
101 = 24bits
|101 = 20bits
Word Field Size
0:Max 20bits
1:Max 24bits
5-23
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com