Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9028PRO Datasheet(PDF) 44 Page - ESS Technology,Inc

Part # ES9028PRO
Description  32-Bit HyperStream짰 II 8-Channel Audio DAC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9028PRO Datasheet(HTML) 44 Page - ESS Technology,Inc

Back Button ES9028PRO Datasheet HTML 40Page - ESS Technology,Inc ES9028PRO Datasheet HTML 41Page - ESS Technology,Inc ES9028PRO Datasheet HTML 42Page - ESS Technology,Inc ES9028PRO Datasheet HTML 43Page - ESS Technology,Inc ES9028PRO Datasheet HTML 44Page - ESS Technology,Inc ES9028PRO Datasheet HTML 45Page - ESS Technology,Inc ES9028PRO Datasheet HTML 46Page - ESS Technology,Inc ES9028PRO Datasheet HTML 47Page - ESS Technology,Inc ES9028PRO Datasheet HTML 48Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 57 page
background image
CONFIDENTIAL INFORMATION v3.6
July 6, 2020
ES9028PRO 32-Bit HyperStream® II 8-Channel Audio DAC
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA. Tel (408) 643-
8800 • Fax (408) 643-8801
44
ABSOLUTE MAXIMUM RATINGS
PARAMETER
RATING
Positive Supply Voltage (VCCA, AVDD, AVCC)
+4.7V with respect to GND
Positive Supply Voltage (DVDD, VDD_L, VDD_R)
+1.8V with respect to GND
DAC Output Voltage Range
GND < Vout < AVCC
Voltage Range for 5V Tolerant pins (AVDD=3.3V)
–0.5V to +5.5V
Voltage Range for Digital Input pins
–0.5V to (AVDD + 0.5V)
Storage Temperature Range
–65
C to +150C
Operating Junction Temperature
+125
C
ESD Protection
Human Body Model (HBM)
Machine Model (MM)
Charged Device Model (CDM)
2000V
200V
500V
WARNING:
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure
to absolute
–maximum–rated conditions for extended periods may affect device reliability.
WARNING: Electrostatic Discharge (ESD) can damage this device. Proper procedures must be followed to avoid ESD when handling this device.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
CONDITIONS
Operating Temperature
TA
0
C to +70C
Analog Power Supply Voltage
VDD_L, VDD_R
+1.2V
 5%, 82mA nominal (Note 1)
Digital Core Supply Voltage
DVDD
Analog Reference Supply Voltage
AVCC_L, AVCC_R
+3.3V
 5%, 47mA nominal (Note 1)
Oscillator Power Supply Voltage
VCCA
+3.3V
 5%, 3mA nominal (Note 1)
Digital I/O Power Supply Voltage
AVDD
+3.3V
 5%, <1mA nominal (Note 1)
+1.8V
 5%
Note 1: fs = 48kHz, MCLK = 40MHz, I2S input, all GPIOs set to input and pulled low
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Minimum
Maximum
Unit
Comments
VIH
High-level input voltage
AVDD / 2 + 0.4
V
VIL
Low-level input voltage
0.4
V
VOH
High-level output voltage
AVDD - 0.2
V
IOH = 100
A
VOL
Low-level output voltage
0.2
V
IOL = 100
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com