Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7008CHIP Datasheet(PDF) 11 Page - Analog Devices

Part # ADPA7008CHIP
Description  20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7008CHIP Datasheet(HTML) 11 Page - Analog Devices

Back Button ADPA7008CHIP Datasheet HTML 7Page - Analog Devices ADPA7008CHIP Datasheet HTML 8Page - Analog Devices ADPA7008CHIP Datasheet HTML 9Page - Analog Devices ADPA7008CHIP Datasheet HTML 10Page - Analog Devices ADPA7008CHIP Datasheet HTML 11Page - Analog Devices ADPA7008CHIP Datasheet HTML 12Page - Analog Devices ADPA7008CHIP Datasheet HTML 13Page - Analog Devices ADPA7008CHIP Datasheet HTML 14Page - Analog Devices ADPA7008CHIP Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Data Sheet
ADPA7008CHIP
Rev. 0 | Page 11 of 26
18
56
FREQUENCY (GHz)
36
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
20 22 24 26 28 30 32 34 36 38 40 42 44 46 48 50 52 54
5V
4V
Figure 28. Output P1dB vs. Frequency for Various Supply Voltages,
IDQ = 1500 mA
20
0
18
56
FREQUENCY (GHz)
20 22 24 26 28 30 32 34 36 38 40 42 44 46 48 50 52 54
+85°C
+25°C
–55°C
2
4
6
8
10
12
14
16
18
Figure 29. Power Added Efficiency (PAE) vs. Frequency for Various
Temperatures, VDD = 5 V, IDQ = 1500 mA, PAE at PSAT (dBm)
0
2
4
6
8
10
12
14
16
18
56
FREQUENCY (GHz)
20 22 24 26 28 30 32 34 36 38 40 42 44 46 48 50 52 54
18
1700mA
1500mA
1300mA
Figure 30. PAE vs. Frequency for Various Supply Currents,
VDD = 5 V, PAE at PSAT (dBm)
18
56
FREQUENCY (GHz)
36
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
20 22 24 26 28 30 32 34 36 38 40 42 44 46 48 50 52 54
5V
4V
Figure 31. PSAT vs. Frequency for Various Voltages, IDQ = 1500 mA
20
0
18
56
FREQUENCY (GHz)
20 22 24 26 28 30 32 34 36 38 40 42 44 46 48 50 52 54
2
4
6
8
10
12
14
16
18
5V
4V
Figure 32. PAE vs. Frequency for Various Supply Voltages,
IDQ = 1500 mA, PAE at PSAT (dBm)
35
–5
–10
16
INPUT POWER (dBm)
0
5
10
15
20
25
30
–8
–6
–4
–2
0
2
4
6
8
10
12
14
1850
1450
POUT
GAIN
PAE
IDD
1500
1550
1600
1650
1700
1750
1800
Figure 33. POUT, Gain, PAE, and Drain Current with RF Applied (IDD) vs. Input
Power, 22 GHz, VDD = 5 V, IDQ = 1500 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com