Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7008CHIP Datasheet(PDF) 21 Page - Analog Devices

Part # ADPA7008CHIP
Description  20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7008CHIP Datasheet(HTML) 21 Page - Analog Devices

Back Button ADPA7008CHIP Datasheet HTML 17Page - Analog Devices ADPA7008CHIP Datasheet HTML 18Page - Analog Devices ADPA7008CHIP Datasheet HTML 19Page - Analog Devices ADPA7008CHIP Datasheet HTML 20Page - Analog Devices ADPA7008CHIP Datasheet HTML 21Page - Analog Devices ADPA7008CHIP Datasheet HTML 22Page - Analog Devices ADPA7008CHIP Datasheet HTML 23Page - Analog Devices ADPA7008CHIP Datasheet HTML 24Page - Analog Devices ADPA7008CHIP Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Data Sheet
ADPA7008CHIP
Rev. 0 | Page 21 of 26
VDRAIN
VGATE
HMC980LP4E
VDD
S0
C2
10nF
C3
100pF
C1
4.7µF
C5
10nF
C4
4.7µF
VDIG
3.3V TO 5V
VDRAIN
VNEG
R11
301Ω
R12
301Ω
R13
4.7kΩ
R14
10kΩ
VDD
S1
EN
ALM
VG2
VG2_CONT
EN
VDD
5.72V
R10
88Ω
VGATE
R16
475kΩ
ADPA7008CHIP
1
1
2
3
4
10
9
8
6
2
3
4
5
6
18
17
16
15
14
13
7
8
9
10
11
12
23
22
21
20
19
C9
100pF
C7
4.7µF
C8
1000pF
C17
100pF
C15
4.7µF
C16
1000pF
C13
100pF
C11
4.7µF
C12
1000pF
C10
100pF
C14
4.7µF
C18
100pF
C22
4.7µF
24
VDRAIN
VGATE
HMC980LP4E
VDD
S0
C9
10nF
C10
100pF
C8
4.7µF
C12
10nF
C11
4.7µF
VDIG
3.3V TO 5V
VDRAIN
VNEG
R17
301Ω
R18
301Ω
R19
4.7kΩ
R20
10kΩ
VDD
S1
EN
ALM
VG2
VG2_CONT
EN
VDD
VNEG
–1.5V
5.72V
VDRAIN = 5V
IDRAIN = 1.7A
1
2
3
4
5
6
18
17
16
15
14
13
7
8
9
10
11
12
23
22
21
20
19
24
C21
100pF
C19
4.7µF
C20
1000pF
RFIN
RFOUT
VGG1
VDD1
VDD2
VGG2
VDD3
VDD4
Figure 60. Application Circuit Using HMC980LP4E with ADPA7008CHIP (External Negative Voltage Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com