Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7008CHIP Datasheet(PDF) 15 Page - Analog Devices

Part # ADPA7008CHIP
Description  20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7008CHIP Datasheet(HTML) 15 Page - Analog Devices

Back Button ADPA7008CHIP Datasheet HTML 11Page - Analog Devices ADPA7008CHIP Datasheet HTML 12Page - Analog Devices ADPA7008CHIP Datasheet HTML 13Page - Analog Devices ADPA7008CHIP Datasheet HTML 14Page - Analog Devices ADPA7008CHIP Datasheet HTML 15Page - Analog Devices ADPA7008CHIP Datasheet HTML 16Page - Analog Devices ADPA7008CHIP Datasheet HTML 17Page - Analog Devices ADPA7008CHIP Datasheet HTML 18Page - Analog Devices ADPA7008CHIP Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
Data Sheet
ADPA7008CHIP
Rev. 0 | Page 15 of 26
3250
–50
–1.5
–0.5
–0.6
GATE VOLTAGE (V)
250
550
850
1150
1450
1750
2050
2350
2650
2950
–1.4 –1.3 –1.2 –1.1 –1.0 –0.9 –0.8 –0.7
+85°C
+25°C
–55°C
Figure 52. Drain Current vs. Gate Voltage for Various Temperatures,
VDD = 5 V, IDQ = 1500 mA
0.01
OUTPUT POWER (dBm)
0.1
1
830
16
14
12
10
18
20
22
24
26
28
+85°C
+25°C
–55°C
Figure 53. Detector Voltage (VREF − VDET) vs. Output Power for Various,
Temperatures at 36 GHz
FREQUENCY (GHz)
10
1
0.1
0.01
20 22 24 26 28 30 32 34 36 38 40 42 44 46
52 54
48 50
10dBm
12dBm
14dBm
16dBm
18dBm
20dBm
22dBm
24dBm
26dBm
28dBm
Figure 54. Detector Voltage (VREF − VDET) vs. Frequency for Various Output
Powers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com