Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7008CHIP Datasheet(PDF) 1 Page - Analog Devices

Part # ADPA7008CHIP
Description  20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7008CHIP Datasheet(HTML) 1 Page - Analog Devices

  ADPA7008CHIP Datasheet HTML 1Page - Analog Devices ADPA7008CHIP Datasheet HTML 2Page - Analog Devices ADPA7008CHIP Datasheet HTML 3Page - Analog Devices ADPA7008CHIP Datasheet HTML 4Page - Analog Devices ADPA7008CHIP Datasheet HTML 5Page - Analog Devices ADPA7008CHIP Datasheet HTML 6Page - Analog Devices ADPA7008CHIP Datasheet HTML 7Page - Analog Devices ADPA7008CHIP Datasheet HTML 8Page - Analog Devices ADPA7008CHIP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
20 GHz to 54 GHz, GaAs, pHEMT, MMIC,
31 dBm (1 W) Power Amplifier
Data Sheet
ADPA7008CHIP
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2021 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Output P1dB: 30.5 dBm typical at 22 GHz to 42 GHz
PSAT: 31 dBm typical at 22 GHz to 42 GHz
Gain: 18 dB typical at 22 GHz to 42 GHz
Input return loss: 22 dB typical at 22 GHz to 42 GHz
Output return loss: 23 dB typical at 22 GHz to 42 GHz
Output IP3: 38 dBm typical at 22 GHz to 42 GHz
Supply voltage: 5 V typical at 1500 mA
50 Ω matched input and output
Die size: 3.610 mm × 3.610 mm × 0.102 mm
APPLICATIONS
Military and space
Test instrumentation
Satellite communications
FUNCTIONAL BLOCK DIAGRAM
RFOUT
RFIN
VDET
VDD4
VDD3
VGG2
VGG1
VDD1
VDD2 VREF
ADPA7008CHIP
Figure 1.
GENERAL DESCRIPTION
The ADPA7008CHIP is a gallium arsenide (GaAs),
pseudomorphic high electron mobility transistor (pHEMT),
monolithic microwave integrated circuit (MMIC), 31 dBm
saturated output power (1 W) distributed power amplifier that
operates from 20 GHz to 54 GHz. The amplifier provides a gain
of 18 dB, an output power for 1 dB compression (P1dB) of
30.5 dBm, and a typical output third-order intercept (IP3) of
38 dBm at 22 GHz to 42 GHz. The ADPA7008CHIP requires
1500 mA from a 5 V supply voltage (VDD) and features inputs
and outputs that are internally matched to 50 Ω, facilitating
integration into multichip modules (MCMs). All data is taken
with the RFIN and RFOUT pads connected via one 0.076 mm
(3 mil) ribbon bond of 0.076 mm (3 mil) minimal length.
.


Similar Part No. - ADPA7008CHIP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPA7008 AD-ADPA7008 Datasheet
2Mb / 28P
20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
Rev. 0
ADPA7008-EVALZ AD-ADPA7008-EVALZ Datasheet
2Mb / 28P
20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
Rev. 0
ADPA7008AEHZ AD-ADPA7008AEHZ Datasheet
2Mb / 28P
20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
Rev. 0
ADPA7008AEHZ-R7 AD-ADPA7008AEHZ-R7 Datasheet
2Mb / 28P
20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
Rev. 0
More results

Similar Description - ADPA7008CHIP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPA7007 AD-ADPA7007 Datasheet
589Kb / 23P
20 GHz to 44 GHz, GaAs, pHEMT, 31.5 dBm (>1 W), MMIC Power Amplifier
7/2020-Revision 0
ADPA7009CHIP AD-ADPA7009CHIP Datasheet
625Kb / 28P
20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 29 dBm (0.5 W) Power Amplifier
3/2021-Revision 0
HMC943APM5E AD-HMC943APM5E Datasheet
437Kb / 18P
>1.5 W (34 dBm), 24 GHz to 34 GHz, GaAs, pHEMT, MMIC, Power Amplifier
11/2018-Rev. A to Rev. B
ADPA7005CHIP AD-ADPA7005CHIP Datasheet
517Kb / 23P
GaAs, pHEMT, MMIC,1 W Power Amplifier, 20 GHz to 44 GHz
2/2019-Revision 0
ADPA7008 AD-ADPA7008 Datasheet
2Mb / 28P
20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
Rev. 0
ADL8106CHIPS AD-ADL8106CHIPS Datasheet
2Mb / 28P
GaAs, pHEMT, Low Noise Amplifier, 20 GHz to 54 GHz
Rev. 0
ADL8142S AD-ADL8142S Datasheet
214Kb / 8P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz
Rev. 0
ADPA7005-EVALZ AD-ADPA7005-EVALZ Datasheet
287Kb / 6P
Evaluating the ADPA7005 18 GHz to 44 GHz, GaAs, pHEMT, 32 dBm (>1 W), MMIC Power Amplifier
Rev. A
ADPA7009-2 AD-ADPA7009-2 Datasheet
1Mb / 24P
20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 29 dBm (0.5 W) Power Amplifier
Rev. 0
ADL8142-2 AD-ADL8142-2 Datasheet
212Kb / 8P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 23 GHz to 31 GHz
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com