Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7008CHIP Datasheet(PDF) 12 Page - Analog Devices

Part # ADPA7008CHIP
Description  20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7008CHIP Datasheet(HTML) 12 Page - Analog Devices

Back Button ADPA7008CHIP Datasheet HTML 8Page - Analog Devices ADPA7008CHIP Datasheet HTML 9Page - Analog Devices ADPA7008CHIP Datasheet HTML 10Page - Analog Devices ADPA7008CHIP Datasheet HTML 11Page - Analog Devices ADPA7008CHIP Datasheet HTML 12Page - Analog Devices ADPA7008CHIP Datasheet HTML 13Page - Analog Devices ADPA7008CHIP Datasheet HTML 14Page - Analog Devices ADPA7008CHIP Datasheet HTML 15Page - Analog Devices ADPA7008CHIP Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
ADPA7008CHIP
Data Sheet
Rev. 0 | Page 12 of 26
–10
18
16
INPUT POWER (dBm)
–8 –6 –4 –2
0
2
4
6
8
10 12 14
35
–5
0
5
10
15
20
25
30
2250
POUT
GAIN
PAE
IDD
1550
1650
1750
1850
1950
2050
2150
1450
Figure 34. POUT, Gain, PAE, and IDD vs. Input Power, 26 GHz, VDD = 5 V,
IDQ = 1500 mA
–10
18
16
INPUT POWER (dBm)
–8 –6 –4 –2
0
2
4
6
8
10 12 14
35
–5
0
5
10
15
20
25
30
2250
POUT
GAIN
PAE
IDD
1550
1650
1750
1850
1950
2050
2150
1450
Figure 35. POUT, Gain, PAE, and IDD vs. Input Power, 36 GHz, VDD = 5 V,
IDQ = 1500 mA
35
–5
–10
18
16
INPUT POWER (dBm)
0
5
10
15
20
25
30
–8 –6 –4 –2
0
2
4
6
8
10 12 14
2250
1450
POUT
GAIN
PAE
IDD
1550
1650
1750
1850
1950
2050
2150
Figure 36. POUT, Gain, PAE, and IDD vs. Input Power, 44 GHz, VDD = 5 V,
IDQ = 1500 mA
35
–5
–10
18
16
INPUT POWER (dBm)
0
5
10
15
20
25
30
–8 –6 –4 –2
0
2
4
6
8
10 12 14
2250
1450
POUT
GAIN
PAE
IDD
1550
1650
1750
1850
1950
2050
2150
Figure 37. POUT, Gain, PAE, and IDD vs. Input Power, 30 GHz, VDD = 5 V,
IDQ = 1500 mA
35
–5
–10
16
INPUT POWER (dBm)
0
5
10
15
20
25
30
–8
–6
–4
–2
0
2
4
6
8
10
12
14
POUT
GAIN
PAE
IDD
2250
1550
1650
1750
1850
1950
2050
2150
1450
Figure 38. POUT, Gain, PAE, and IDD vs. Input Power, 40 GHz, VDD = 5 V,
IDQ = 1500 mA
35
–5
–10
16
INPUT POWER (dBm)
0
5
10
15
20
25
30
–8
–6
–4
–2
0
2
4
6
8
10
12
14
POUT
GAIN
PAE
IDD
2650
1450
1600
1750
1900
2050
2200
2350
2500
Figure 39. POUT, Gain, PAE, and IDD vs. Input Power, 50 GHz, VDD = 5 V,
IDQ = 1500 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com