Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7008CHIP Datasheet(PDF) 16 Page - Analog Devices

Part # ADPA7008CHIP
Description  20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7008CHIP Datasheet(HTML) 16 Page - Analog Devices

Back Button ADPA7008CHIP Datasheet HTML 12Page - Analog Devices ADPA7008CHIP Datasheet HTML 13Page - Analog Devices ADPA7008CHIP Datasheet HTML 14Page - Analog Devices ADPA7008CHIP Datasheet HTML 15Page - Analog Devices ADPA7008CHIP Datasheet HTML 16Page - Analog Devices ADPA7008CHIP Datasheet HTML 17Page - Analog Devices ADPA7008CHIP Datasheet HTML 18Page - Analog Devices ADPA7008CHIP Datasheet HTML 19Page - Analog Devices ADPA7008CHIP Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
ADPA7008CHIP
Data Sheet
Rev. 0 | Page 16 of 26
THEORY OF OPERATION
The architecture of the ADPA7008CHIP, a medium power
amplifier, is shown in Figure 55. The ADPA7008CHIP uses
two cascaded, four-stage amplifiers operating in quadrature
between six 90° hybrids.
The input signal is divided evenly into two, and then each
signal is divided into two again. Each of these new paths are
amplified through four independent gain stages. The amplified
signals are then combined at the output. This balanced amplifier
approach forms an amplifier with a combined gain of 18 dB and
a PSAT value of 31 dBm.
A portion of the RF output signal is directionally coupled to a
diode for detection of the RF output power. When the diode is
dc biased, the diode rectifies the RF power and makes the RF
power available for measurement as a dc voltage at VDET. To
allow temperature compensation of VDET, an identical and
symmetrically located circuit, minus the coupled RF power, is
available via VREF. Taking the difference of VREF − VDET
provides a temperature compensated signal that is proportional
to the RF output (see Figure 55).
The 90° hybrids ensure that the input and output return losses
are greater than 14 dB. See the application circuits shown in
Figure 56 and Figure 57 for further details on biasing the
various blocks.
VDD2 VDD4
RFOUT
VREF
VGG1 VGG2
VDD1 VDD3
RFIN
DIRECTIONAL
COUPLER
VDET
Figure 55. ADPA7008CHIP Architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com