Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7008CHIP Datasheet(PDF) 19 Page - Analog Devices

Part # ADPA7008CHIP
Description  20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7008CHIP Datasheet(HTML) 19 Page - Analog Devices

Back Button ADPA7008CHIP Datasheet HTML 15Page - Analog Devices ADPA7008CHIP Datasheet HTML 16Page - Analog Devices ADPA7008CHIP Datasheet HTML 17Page - Analog Devices ADPA7008CHIP Datasheet HTML 18Page - Analog Devices ADPA7008CHIP Datasheet HTML 19Page - Analog Devices ADPA7008CHIP Datasheet HTML 20Page - Analog Devices ADPA7008CHIP Datasheet HTML 21Page - Analog Devices ADPA7008CHIP Datasheet HTML 22Page - Analog Devices ADPA7008CHIP Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
Data Sheet
ADPA7008CHIP
Rev. 0 | Page 19 of 26
BIASING ADPA7008CHIP WITH THE HMC980LP4E
The HMC980LP4E is an active bias controller that is designed
to meet the bias requirements for enhancement mode and
depletion mode amplifiers such as the ADPA7008CHIP.
The controller provides constant drain current biasing over
temperature and device to device variation, and properly
sequences gate and drain voltages to ensure the safe operation of
the amplifier. The HMC980LP4E also offers self protection in
the event of a short circuit, an internal charge pump that
generates the negative voltage needed on the gate of the
ADPA7008CHIP, and the option to use an external negative
voltage source. Because the HMC980LP4E can deliver a
maximum current of 1.6 A and because the ADPA7008CHIP
requires a peak current of IDD = 1.7 A, two HMC980LP4E
devices must be used in parallel in this instance.
The HMC980LP4E is also available in die form as the
HMC980-Die.
2
1
3
4
5
6
18
17
16
15
14
13
ALM
EN
S1
S0
VDD
VDD
VG2_CONT
PACKAGE
BASE
GND
VG2
VNEG
VGATE
VDRAIN
VDRAIN
CONTROL
BLOCK
GATE
CONTROL
BAND GAP
NEGATIVE
VOLTAGE
GENERATOR
HMC980LP4E
Figure 58. Functional Diagram of HMC980LP4E
APPLICATION CIRCUIT SETUP
Figure 59 shows an application circuit using the HMC980LP4E
to control the ADPA7008CHIP. When using an external
negative supply for VNEG, refer to the schematic in Figure 60.
In the application circuit shown in Figure 59, the ADPA7008CHIP
drain voltage, VDRAIN, and drain current, IDRAIN, are set by the
following equations:
VDD = VDRAIN + (IDRAIN × 0.85 Ω)
(1)
VDD = 5 V + (0.85 A × 0.85 Ω) = 5.72 V
where:
VDD and VDRAIN are in volts.
IDRAIN is in amperes.
R10 = (150 Ω × A) ÷ (IDRAIN)
(2)
R10 = (150 Ω × A) ÷ (0.85 A) = 176 Ω
where:
R10 is in ohms.
IDRAIN is in amperes.
IDRAIN is set to 850 mA in these equations because the current is
split between two HMC980LP4E devices. Because both ISENSE
currents flow through the same resistor, the actual value used
must be half of the above value (that is, 88 Ω ).
LIMITING VGATE FOR THE ADPA7008CHIP VGGx
ABSOLUTE MAXIMUM RATING REQUIREMENT
When using the HMC980LP4E to control the ADPA7008CHIP,
the minimum voltages for VNEG and VGATE must be −1.5 V
to keep the voltages within the absolute maximum rating limit
for the VGGx pad of the ADPA7008CHIP. To set the minimum
voltages, set R15 and R16 to the values shown in Figure 59 and set
R16 to the value shown in Figure 60. Refer to the AN-1363 for
more information and calculations for R15 and R16.
The HMC980LP4E application circuits for biasing figures in
the AN-1363 are two examples of how the HMC980LP4E is
used as an active bias controller. Both application circuits
within the AN-1363 show the R5 and R7 resistors, which are
analogous to the R15 and R16 resistor shown in Figure 59 and
Figure 60.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com