Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7008CHIP Datasheet(PDF) 14 Page - Analog Devices

Part # ADPA7008CHIP
Description  20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7008CHIP Datasheet(HTML) 14 Page - Analog Devices

Back Button ADPA7008CHIP Datasheet HTML 10Page - Analog Devices ADPA7008CHIP Datasheet HTML 11Page - Analog Devices ADPA7008CHIP Datasheet HTML 12Page - Analog Devices ADPA7008CHIP Datasheet HTML 13Page - Analog Devices ADPA7008CHIP Datasheet HTML 14Page - Analog Devices ADPA7008CHIP Datasheet HTML 15Page - Analog Devices ADPA7008CHIP Datasheet HTML 16Page - Analog Devices ADPA7008CHIP Datasheet HTML 17Page - Analog Devices ADPA7008CHIP Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
ADPA7008CHIP
Data Sheet
Rev. 0 | Page 14 of 26
44
20
22
24
26
28
30
32
34
36
38
40
42
18
56
FREQUENCY (GHz)
20 22 24 26 28 30 32 34 36 38 40 42 44 46 48 50 52 54
–20°C
–40°C
–55°C
Figure 46. Output IP3 vs. Frequency at −20°C, −40°C, and −55°C,
POUT per Tone = 14 dBm, VDD = 5 V, IDQ = 1700 mA
44
20
22
24
26
28
30
32
34
36
38
40
42
1700mA
1500mA
1300mA
18
56
FREQUENCY (GHz)
20 22 24 26 28 30 32 34 36 38 40 42 44 46 48 50 52 54
Figure 47. Output IP3 vs. Frequency for Various Supply Currents,
POUT per Tone = 14 dBm, VDD = 5 V
60
20
10
20
POUT PER TONE (dBm)
25
30
35
40
45
50
55
11
12
13
14
15
16
17
18
19
22GHz
26GHz
30GHz
36GHz
40GHz
44GHz
50GHz
54GHz
Figure 48. Third-Order Intermodulation Distortion (IM3) vs. POUT per Tone,
VDD = 4 V, IDQ = 1500 mA
1900
1300
1400
1500
1600
1700
1800
–4
18
INPUT POWER (dBm)
–2
0246
8
10
12
14
16
+85°C
+25°C
–55°C
Figure 49. IDD vs. Input Power for Various Temperatures
at 36 GHz, VDD = 5 V, IDQ = 1500 mA
0.01
830
OUTPUT POWER (dBm)
0.1
1
16
14
12
10
18
20
22
24
26
28
22GHz
24GHz
30GHz
36GHz
40GHz
44GHz
50GHz
54GHz
Figure 50. Detector Voltage (VREF − VDET) vs. Output Power for Various
Frequencies
60
20
10
20
POUT PER TONE (dBm)
25
30
35
40
45
50
55
11
12
13
14
15
16
17
18
19
22GHz
26GHz
30GHz
36GHz
40GHz
44GHz
50GHz
54GHz
Figure 51. IM3 vs. POUT per Tone, VDD = 5 V, IDQ = 1500 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com