Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7008CHIP Datasheet(PDF) 13 Page - Analog Devices

Part # ADPA7008CHIP
Description  20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7008CHIP Datasheet(HTML) 13 Page - Analog Devices

Back Button ADPA7008CHIP Datasheet HTML 9Page - Analog Devices ADPA7008CHIP Datasheet HTML 10Page - Analog Devices ADPA7008CHIP Datasheet HTML 11Page - Analog Devices ADPA7008CHIP Datasheet HTML 12Page - Analog Devices ADPA7008CHIP Datasheet HTML 13Page - Analog Devices ADPA7008CHIP Datasheet HTML 14Page - Analog Devices ADPA7008CHIP Datasheet HTML 15Page - Analog Devices ADPA7008CHIP Datasheet HTML 16Page - Analog Devices ADPA7008CHIP Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Data Sheet
ADPA7008CHIP
Rev. 0 | Page 13 of 26
10.2
6.8
–4
18
INPUT POWER (dBm)
7.0
7.2
7.4
7.6
7.8
8.0
8.2
8.4
8.6
8.8
9.0
9.2
9.4
9.6
9.8
10.0
–2
0246
8
10
12
14
16
22GHz
26GHz
30GHz
36GHz
40GHz
44GHz
50GHz
54GHz
Figure 40. PDISS vs. Input Power for Various Frequencies at
TA = 85°C, VDD = 5 V, IDQ = 1500 mA
44
20
FREQUENCY (GHz)
+85°C
+25°C
–20°C
22
24
26
28
30
32
34
36
38
40
42
18
56
20 22 24 26 28 30 32 34 36 38 40 42 44 46 48 50 52 54
Figure 41. Output IP3 vs. Frequency at −20°C, +25°C, and +85°C,
POUT per Tone = 14 dBm, VDD = 5 V, IDQ = 1500 mA
44
20
22
24
26
28
30
32
34
36
38
40
42
18
56
FREQUENCY (GHz)
20 22 24 26 28 30 32 34 36 38 40 42 44 46 48 50 52 54
–20°C
–40°C
–55°C
Figure 42. Output IP3 vs. Frequency at −20°C, −40°C, and −55°C,
POUT per Tone = 14 dBm, VDD = 5 V, IDQ = 1500 mA
44
20
19
55
FREQUENCY (GHz)
22
24
26
28
30
32
34
36
38
40
42
23
27
31
35
39
43
47
51
5V
4V
Figure 43. Output IP3 vs. Frequency for Various Supply Voltages,
POUT per Tone = 14 dBm, IDQ = 1500 mA
2500
1300
–4
18
INPUT POWER (dBm)
1500
1700
1900
2100
2300
–2
0246
8
10
12
14
16
22GHz
26GHz
30GHz
36GHz
40GHz
44GHz
50GHz
54GHz
Figure 44. IDD vs. Input Power at Various Frequencies,
VDD = 5 V, IDQ = 1500 mA
44
20
22
24
26
28
30
32
34
36
38
40
42
18
56
FREQUENCY (GHz)
20 22 24 26 28 30 32 34 36 38 40 42 44 46 48 50 52 54
–20°C
+25°C
+85°C
Figure 45. Output IP3 vs. Frequency at −20°C, +25°C, and +85°C,
POUT per Tone = 14 dBm, VDD = 5 V, IDQ = 1700 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com