Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7008CHIP Datasheet(PDF) 23 Page - Analog Devices

Part # ADPA7008CHIP
Description  20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7008CHIP Datasheet(HTML) 23 Page - Analog Devices

Back Button ADPA7008CHIP Datasheet HTML 18Page - Analog Devices ADPA7008CHIP Datasheet HTML 19Page - Analog Devices ADPA7008CHIP Datasheet HTML 20Page - Analog Devices ADPA7008CHIP Datasheet HTML 21Page - Analog Devices ADPA7008CHIP Datasheet HTML 22Page - Analog Devices ADPA7008CHIP Datasheet HTML 23Page - Analog Devices ADPA7008CHIP Datasheet HTML 24Page - Analog Devices ADPA7008CHIP Datasheet HTML 25Page - Analog Devices ADPA7008CHIP Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
Data Sheet
ADPA7008CHIP
Rev. 0 | Page 23 of 26
CONSTANT IDD OPERATION
TA = 25°C, VDD = 5 V, and IDQ = 1700 mA for nominal operation, unless otherwise noted. Figure 61 to Figure 64 are biased with the
HMC980LP4E active bias controller. See the Biasing ADPA7008CHIP with the HMC980LP4E section for biasing details.
FREQUENCY (GHz)
+85°C
+25°C
–20°C
–40°C
–55°C
36
34
32
30
28
26
24
22
20
18
16
14
12
10
18 20 22 24 26 28 30 32 34 36 38 40 42 44 46
52 54 56
48 50
Figure 61. P1dB vs. Frequency for Various Temperatures, VDD = 5 V,
Data Measured with Constant IDD
FREQUENCY (GHz)
+85°C
+25°C
–20°C
–40°C
–55°C
36
34
32
30
28
26
24
22
20
18
16
14
12
10
18 20 22 24 26 28 30 32 34 36 38 40 42 44 46
52 54 56
48 50
Figure 62. PSAT vs. Frequency for Various Temperatures, VDD = 5 V,
Data Measured with Constant IDD
FREQUENCY (GHz)
1700mA
1800mA
36
34
32
30
28
26
24
22
20
18
16
14
12
10
18 20 22 24 26 28 30 32 34 36 38 40 42 44 46
52 54 56
48 50
Figure 63. P1dB vs. Frequency for Various Drain Currents, VDD = 5 V,
Data Measured with Constant IDD
FREQUENCY (GHz)
1700mA
1800mA
36
34
32
30
28
26
24
22
20
18
16
14
12
10
18 20 22 24 26 28 30 32 34 36 38 40 42 44 46
52 54 56
48 50
Figure 64. PSAT vs. Frequency for Various Drain Currents, VDD = 5 V,
Data Measured with Constant IDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com