Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7008CHIP Datasheet(PDF) 17 Page - Analog Devices

Part # ADPA7008CHIP
Description  20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7008CHIP Datasheet(HTML) 17 Page - Analog Devices

Back Button ADPA7008CHIP Datasheet HTML 13Page - Analog Devices ADPA7008CHIP Datasheet HTML 14Page - Analog Devices ADPA7008CHIP Datasheet HTML 15Page - Analog Devices ADPA7008CHIP Datasheet HTML 16Page - Analog Devices ADPA7008CHIP Datasheet HTML 17Page - Analog Devices ADPA7008CHIP Datasheet HTML 18Page - Analog Devices ADPA7008CHIP Datasheet HTML 19Page - Analog Devices ADPA7008CHIP Datasheet HTML 20Page - Analog Devices ADPA7008CHIP Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
Data Sheet
ADPA7008CHIP
Rev. 0 | Page 17 of 26
APPLICATIONS INFORMATION
The ADPA7008CHIP is a GaAs, pHEMT, MMIC power amplifier.
Capacitive bypassing is required for all VGGx and VDDx pads.
VGG1 is the gate bias pad for the top cascaded amplifiers. VGG2 is
the gate bias pad for the bottom cascaded amplifiers. VDD1 and
VDD3 are the drain bias pads for the top cascaded amplifiers. VDD2
and VDD4 are the drain bias pads for the bottom cascaded
amplifiers.
All measurements for this device were taken using the primary
application circuit (see Figure 56) and were configured as
shown in the assembly diagram (see Figure 65).
The recommended bias sequence during power-up is as
follows:
1.
Connect GND to RF and dc ground.
2.
Set the gate bias voltages, VGG1 and VGG2, to −1.5 V.
3.
Set all the drain bias voltages, VDDx, to 5 V.
4.
Increase the gate bias voltages, VGG1 and VGG2, to achieve
an IDQ of 1500 mA.
5.
Apply the RF signal.
The recommended bias sequence during power-down is as
follows:
1.
Turn off the RF signal.
2.
Decrease the gate bias voltages, VGG1 and VGG2, to −1.5 V to
achieve a IDQ = 0 mA (approximately).
3.
Decrease all the drain bias voltages, VDDx, to 0 V.
4.
Increase the gate bias voltages, VGG1 and VGG2, to 0 V.
The VDD = 5 V and IDQ = 1500 mA bias conditions are
recommended to optimize overall performance. Unless otherwise
noted, the data shown was taken using the recommended bias
conditions. Operation of the ADPA7008CHIP at different bias
conditions may provide performance that differs from what is
shown in Table 1, Table 2, Table 3, and Table 4. Biasing the
ADPA7008CHIP for higher drain current typically results in
higher P1dB and gain at the expense of increased power
consumption (see Table 9).
TYPICAL APPLICATION CIRCUIT
Figure 56 shows the primary application circuit. Figure 57
shows the alternate primary application circuit.
Table 9. Power Selection Table1, 2
IDQ (mA)
Gain (dB)
P1dB (dBm)
Output IP3 (dBm)
PDISS (W) at PSAT
VGGx (V)
1300
18.9
30.0
39.8
7.9
−0.65
1500
19.6
30.4
38.4
8.4
−0.6
1700
20.1
30.7
36.6
8.9
−0.55
1 Data taken at the following nominal bias conditions: VDD = 5 V, TA = 25°C, and frequency = 36 GHz.
2 Adjust VGG1 from −1.5 V to 0 V to achieve the desired drain current.
VGG1
4.7µF
+
0.01µF
100pF
100pF
4.7µF
+
0.01µF
100pF
VDD1,
VDD2
RFIN
1
2
3
4
5
6
7
8
9
10
RFOUT
4.7µF
+
0.01µF
100pF
100pF
VDD3,
VDD4
VDET
VREF
100kΩ
100kΩ
+5V
+5V
10kΩ
10kΩ
+
VOUT = VREF – VDET
–5V
10kΩ
10kΩ
SUGGESTED CIRCUIT
Figure 56. Primary Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com