Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7008CHIP Datasheet(PDF) 22 Page - Analog Devices

Part # ADPA7008CHIP
Description  20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7008CHIP Datasheet(HTML) 22 Page - Analog Devices

Back Button ADPA7008CHIP Datasheet HTML 18Page - Analog Devices ADPA7008CHIP Datasheet HTML 19Page - Analog Devices ADPA7008CHIP Datasheet HTML 20Page - Analog Devices ADPA7008CHIP Datasheet HTML 21Page - Analog Devices ADPA7008CHIP Datasheet HTML 22Page - Analog Devices ADPA7008CHIP Datasheet HTML 23Page - Analog Devices ADPA7008CHIP Datasheet HTML 24Page - Analog Devices ADPA7008CHIP Datasheet HTML 25Page - Analog Devices ADPA7008CHIP Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
ADPA7008CHIP
Data Sheet
Rev. 0 | Page 22 of 26
HMC980LP4E BIAS SEQUENCE
The dc supply sequence described in this section is required to
prevent damage to the HMC980LP4E when using the device to
control the ADPA7008CHIP.
Power-Up Sequence
The power-up sequence for the HMC980LP4E is as follows:
1.
Set VDIG = 3.3 V
2.
Set S0 = 3.3 V
3.
Set VDD = 5.72 V.
4.
Set VNEG = −1.5 V (this step is unnecessary if using
internally generated voltage)
5.
Set EN = 3.3 V (the transition from 0 V to 3.3 V turns on
VGATE and VDRAIN).
Power-Down Sequence
The power-down sequence for the HMC980LP4E is as follows:
1.
Set EN = 0 V (the transition from 3.3 V to 0 V turns off
VDRAIN and VGATE).
2.
Set VNEG = 0 V (this step is unnecessary if using
internally generated voltage)
3.
Set VDD = 0 V.
4.
Set S0 = 0 V
5.
Set VDIG = 0 V
After the HMC980LP4E bias control circuit is set up, toggle the
bias to the ADPA7008CHIP on or off by applying 3.3 V or 0 V,
respectively, to the EN pad. At EN = +3.3 V, VGATE drops to
−1.5 V, and VDRAIN turns on at +5 V. VGATE then rises until
IDRAIN = 1700 mA, and the closed control loop regulates IDRAIN at
1600 mA. When EN = 0 V, VGATE is set to −1.5 V, and
VDRAIN is set to 0 V.
CONSTANT DRAIN CURRENT BIASING vs.
CONSTANT GATE VOLTAGE BIASING
The HMC980LP4E uses closed-loop feedback to continuously
adjust VGATE to maintain a constant drain current bias over
dc supply variation, temperature, and device to device
variation. In addition, constant drain current bias is the
optimum method for reducing time in calibration procedures and
for maintaining consistent performance over time. By comparing
the constant drain current bias with a constant gate voltage bias
where the current is driven to increase when RF power is applied, a
slightly lower output P1dB is seen with a constant drain current
bias. This output P1dB is shown in Figure 61 and Figure 63, where
the RF performance is slightly lower than the constant gate voltage
bias operation due to a lower drain current at the high input
powers as the device reaches 1 dB compression.
To increase the output P1dB performance for the constant
drain current bias toward the constant gate voltage bias
performance, increase the set current toward the IDD value this
performance reaches under the RF drive in the constant gate
voltage bias condition, as shown in Figure 61 and Figure 63.
The limit of increasing IDQ under the constant drain current
operation is set by the thermal limitations found in Table 5 with
the maximum power dissipation specification. As IDD increase
continues, the actual output P1dB does not continue to increase
indefinitely, and the power dissipation increases. Therefore,
when using constant drain current biasing, take the trade-off
between the power dissipation and the output P1dB
performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com