Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPA7008CHIP Datasheet(PDF) 2 Page - Analog Devices

Part # ADPA7008CHIP
Description  20 GHz to 54 GHz, GaAs, pHEMT, MMIC, 31 dBm (1 W) Power Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPA7008CHIP Datasheet(HTML) 2 Page - Analog Devices

  ADPA7008CHIP Datasheet HTML 1Page - Analog Devices ADPA7008CHIP Datasheet HTML 2Page - Analog Devices ADPA7008CHIP Datasheet HTML 3Page - Analog Devices ADPA7008CHIP Datasheet HTML 4Page - Analog Devices ADPA7008CHIP Datasheet HTML 5Page - Analog Devices ADPA7008CHIP Datasheet HTML 6Page - Analog Devices ADPA7008CHIP Datasheet HTML 7Page - Analog Devices ADPA7008CHIP Datasheet HTML 8Page - Analog Devices ADPA7008CHIP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
ADPA7008CHIP
Data Sheet
Rev. 0 | Page 2 of 26
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications ...................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications .................................................................................... 3
20 GHz to 22 GHz Frequency Range ........................................ 3
22 GHz to 42 GHz Frequency Range ........................................ 3
42 GHz to 50 GHz Frequency Range ........................................ 4
50 GHz to 54 GHz Frequency Range ........................................ 4
Absolute Maximum Ratings ........................................................... 5
Thermal Resistance ...................................................................... 5
Electrostatic Discharge (ESD) Ratings ...................................... 5
ESD Caution.................................................................................. 5
Pin Configuration and Function Descriptions ............................ 6
Interface Schematics .................................................................... 7
Typical Performance Characteristics............................................. 8
Theory of Operation ...................................................................... 16
Applications Information ............................................................. 17
Typical Application Circuit ...................................................... 17
Biasing ADPA7008CHIP with the HMC980LP4E.................... 19
Application Circuit Setup ......................................................... 19
Limiting VGATE for the ADPA7008CHIP VGGx Absolute
Maximum Rating Requirement ............................................... 19
HMC980LP4E Bias Sequence................................................... 22
Constant Drain Current Biasing vs. Constant Gate Voltage
Biasing.......................................................................................... 22
Constant IDD Operation............................................................. 23
Assembly Diagram ......................................................................... 24
Mounting and Bonding Techniques for Millimeterwave GaAs
MMICs............................................................................................. 25
Handling Precautions................................................................ 25
Mounting..................................................................................... 25
Wire Bonding ............................................................................. 25
Outline Dimensions....................................................................... 26
Ordering Guide .......................................................................... 26
REVISION HISTORY
3/2021—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com