Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6986ITR Datasheet(PDF) 46 Page - STMicroelectronics

Part # A6986ITR
Description  Automotive 38 V, 5 W synchronous iso-buck converter for isolated applications
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986ITR Datasheet(HTML) 46 Page - STMicroelectronics

Back Button A6986ITR Datasheet HTML 42Page - STMicroelectronics A6986ITR Datasheet HTML 43Page - STMicroelectronics A6986ITR Datasheet HTML 44Page - STMicroelectronics A6986ITR Datasheet HTML 45Page - STMicroelectronics A6986ITR Datasheet HTML 46Page - STMicroelectronics A6986ITR Datasheet HTML 47Page - STMicroelectronics A6986ITR Datasheet HTML 48Page - STMicroelectronics A6986ITR Datasheet HTML 49Page - STMicroelectronics A6986ITR Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 62 page
background image
Table 10. Type of the evaluation boards
Assembly
Board name
Single/dual isolated
output(s)
Available isolated voltages
#1
STEVAL-A6986IV1
Dual
VISO+ = 18 V, VISO- = -4.5 V
#2
STEVAL-L6986IV1
Dual
VISO+ = 18 V, VISO- = -4.5 V
#3
STEVAL-A6986IV2
Single
VISO+ = 5 V
Table 11. BOM of the evaluation boards
Reference
Part number
Description
Manufacturer
U1
#1, #3
A6986I
STM
#2
L6986I
C1
470 nF, 10 V, 0603
C2
68 nF, 10 V, 0603
C4
4.7 pF, 10 V, 0603
C5
680 pF, 10 V, 0603
C8, C11
CGA5L1X7R1H106K160AC
10 µF, 50 V, 1206
TDK
C9
CEU4J2X7R1H104K125AE
100 nF, 50 V, 0805
TDK
C12
#1, #2
CGA4J3X7R1H105K125AB
1 µF, 50 V, 0805
TDK
#3
N/A
C13
CGA4J3X7R1H105K125AB
1 µF, 50 V, 0805
TDK
C15
#1, #2
82 pF, 10 V, 0603
#3
68 pF, 10 V, 0603
C16
not mounted
C17
CNA6P1X7R1H106K250AE
10 µF, 50 V, 1210
TDK
C18
CGA5L3X5R1H475K
4.7 µF, 50 V, 1206
TDK
C19
CGA5L3X5R1H475K
4.7 µF, 50 V, 1206
TDK
C20
CGA5L3X5R1H475K
4.7 µF, 50 V, 1206
TDK
R1
6.8 kΩ, 1%
R2
1.3 kΩ, 1%
R3
56 kΩ, 1%
R8
#1, #2
620 Ω, 1%
#3
180 Ω, 1%
R11
#1, #2
430 Ω, 1%
#3
100 Ω, 1%
R12
#1
36 kΩ, 1%
#2
22 kΩ, 1%
#3
10.7 kΩ, 1%
R13
#1
5.6 kΩ, 1%
#2
4.3 kΩ, 1%
#3
11 kΩ, 1%
R16
Not mounted
A6986I
Application board
DS13481 - Rev 2
page 46/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com