Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6986ITR Datasheet(PDF) 27 Page - STMicroelectronics

Part # A6986ITR
Description  Automotive 38 V, 5 W synchronous iso-buck converter for isolated applications
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986ITR Datasheet(HTML) 27 Page - STMicroelectronics

Back Button A6986ITR Datasheet HTML 23Page - STMicroelectronics A6986ITR Datasheet HTML 24Page - STMicroelectronics A6986ITR Datasheet HTML 25Page - STMicroelectronics A6986ITR Datasheet HTML 26Page - STMicroelectronics A6986ITR Datasheet HTML 27Page - STMicroelectronics A6986ITR Datasheet HTML 28Page - STMicroelectronics A6986ITR Datasheet HTML 29Page - STMicroelectronics A6986ITR Datasheet HTML 30Page - STMicroelectronics A6986ITR Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 62 page
background image
6.5
Compensation network design
The maximum bandwidth of the system can be designed up to fSW/6, up to 150 kHz maximum to guarantee a
valid small signal model
RC= 2∙π∙BW∙COUT∙VOUT
0.85V∙gCS∙gm_typ
(20)
where:
fPOLE= ωP2∙π
(21)
ωP is defined by eq. (9) , gCS represents the current sense transconductance (see Section 3 ) and gm TYP the
error amplifier transconductance.
CC=  52∙π∙RC∙BW
(22)
Example 1:
VIN = 12 V, VOUT_pri = 5.3 V, ROUT_pri = 5.6 Ω (corresponding to almost 1 A load).
Selecting the A6986I with VOUT_pri = 5.3 V, fSW = 500 kHz, Lpri = 18 µH, COUT_pri = 10 µF and ESR = 3 mΩ,
RC = 56 kΩ, CC = 680 pF, CP = 4.7 pF (please refer to Table 11), the gain and phase bode diagrams are plotted
respectively in Figure 29 and Figure 30. Bode plot (phase).
Figure 29. Bode plote (magnitude)
A6986I
Compensation network design
DS13481 - Rev 2
page 27/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com