Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6986ITR Datasheet(PDF) 41 Page - STMicroelectronics

Part # A6986ITR
Description  Automotive 38 V, 5 W synchronous iso-buck converter for isolated applications
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986ITR Datasheet(HTML) 41 Page - STMicroelectronics

Back Button A6986ITR Datasheet HTML 37Page - STMicroelectronics A6986ITR Datasheet HTML 38Page - STMicroelectronics A6986ITR Datasheet HTML 39Page - STMicroelectronics A6986ITR Datasheet HTML 40Page - STMicroelectronics A6986ITR Datasheet HTML 41Page - STMicroelectronics A6986ITR Datasheet HTML 42Page - STMicroelectronics A6986ITR Datasheet HTML 43Page - STMicroelectronics A6986ITR Datasheet HTML 44Page - STMicroelectronics A6986ITR Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 62 page
background image
As shown in Figure 45 (resulting from a simulation), the leakage inductance affects the shape of the secondary
winding current. In general, a very low leakage inductance implies that the current in the secondary winding can
quickly ramp up, allowing the charge of the secondary output capacitor and supporting the load current demand.
A high leakage inductance slows down the secondary winding current rise, limiting the charge delivery to the
output. Comparing solutions with different values of transformer leakage inductance shows that higher leakage
inductance transformers are characterized by poorer load regulation performances.
In addition, higher leakage inductance means a reduction of the effective current slope in the primary winding,
therefore increasing the duty cycle. As a consequence, the Schottky diode conduction time shortens, and higher
peak and RMS current are present at the secondary winding. Higher peaks at light load negatively impact the load
regulation.
Figure 46. Secondary winding current according to different leakage inductances (simulation)
LLEAKAGE = 2µH
LLEAKAGE = 2µH
LLEAKAGE = 200nH
LLEAKAGE = 50nH
Another effect of the leakage inductance is the ringing observed when the transition from the off-phase to
on-phase occurs. These oscillations are due to the LC circuit represented by the leakage inductance and the total
parasitic capacitance observed by the primary winding. This capacitance consists of several contributions:
•
Primary winding capacitance
•
Secondary winding capacitance, reflected in the primary side
•
Reverse capacitance of the Schottky diode, reflected in the primary side
The ringing at primary side could affect the regulation loop and falsely trigger the internal comparator, turning off
the high-side MOSFET, although it should be kept on. This might result in undesired jitter at switch node.
A proper masking time (TON MIN) filters these oscillations, which otherwise can affect the loop on the primary side.
Nevertheless, a snubber circuit to dump this ringing is always recommended, as shown in the figure below.
Figure 47. Snubber circuit
Capacitance
A6986I
Design of the external components
DS13481 - Rev 2
page 41/62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com